Electronic Components Datasheet Search
  English  ▼

X  

FGS6115 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # FGS6115
Description  2.5G/5G BASE?밫 DUAL PORT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

FGS6115 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  FGS6115 Datasheet HTML 1Page - Bothhand USA, LP. FGS6115 Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2.5G/5G BASE–T DUAL PORT
MAGNETICS MODULES
P/N: FGS6115 DATA SHEET
BOTHHAND
USA
Page :1/2
A00(17/04)
Feature
Design for 5G ethernet application.
Suitable for End-span POE applications with 1150mA current
capability.
Complying with ROHS & Halogen Free requirements.
Operating temperature range: 0℃ to +70℃.
Storage temperature range: -25℃ to +85℃.
Electrical Specifications @ 25°C
Part
Number
Turns Ratio
(±3%)
OCL (uH Min)
@100KHz/0.1V
Cross talk
(dB Min)
HI-POT
(Vrms)
TX
RX
1≦f ≦
250 MHz
FGS6115
1CT:1CT
1CT:1CT
180
-(43.1 – 20 log10f 100
1500
Continue
Part
Number
Insertion Loss
(dB Max)
Return Loss
(dB Min)@ Load 100Ω
DCMR
(dB Min)
1≦f ≦
100 MHz
100 <f ≦
0 MHz
1≦f ≦
40 MHz
40
 f ≦250 MHz
1
 f ≦30 MHz
30
 f ≦ MHz
FGS6115
-1.0
-2.0
-16
- (16-10 log10(f /40))
-48
-(44-19.2 log10(f /50))
Schematic
www.bothhand
usa .com


Similar Part No. - FGS6115

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
FGS6014 BOTHHAND-FGS6014 Datasheet
162Kb / 2P
2.5G/5G BASE?밫 DUAL PORT
More results

Similar Description - FGS6115

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
F1P2014 BOTHHAND-F1P2014 Datasheet
155Kb / 2P
2.5G/5G BASE?밫 SINGLE PORT
F1P6014 BOTHHAND-F1P6014 Datasheet
159Kb / 2P
2.5G/5G BASE?밫 SINGLE PORT
F2P2014 BOTHHAND-F2P2014 Datasheet
162Kb / 2P
2.5G/5G BASE?밫 DUAL PORT
F2P6014 BOTHHAND-F2P6014 Datasheet
163Kb / 2P
2.5G/5G BASE?밫 DUAL PORT
FGS2014 BOTHHAND-FGS2014 Datasheet
168Kb / 2P
2.5G/5G BASE?밫 DUAL PORT
FGS6014 BOTHHAND-FGS6014 Datasheet
162Kb / 2P
2.5G/5G BASE?밫 DUAL PORT
FGU4229 BOTHHAND-FGU4229 Datasheet
209Kb / 2P
2.5G/5G BASE?밫 QUAD PORT
FVP2014 BOTHHAND-FVP2014 Datasheet
231Kb / 2P
2.5G/5G BASE?밫 SINGLE PORT
FVP6014 BOTHHAND-FVP6014 Datasheet
232Kb / 2P
2.5G/5G BASE?밫 SINGLE PORT
G1PM109N1LF BOTHHAND-G1PM109N1LF Datasheet
113Kb / 2P
2.5G/5G BASE?밫 SINGLE PORT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com