Electronic Components Datasheet Search
  English  ▼

X  

CT6EP103 Datasheet(PDF) 2 Page - Copal Electronics

Part # CT6EP103
Description  SINGLE TURN CERMET TRIMMERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CT6EP103 Datasheet(HTML) 2 Page - Copal Electronics

  CT6EP103 Datasheet HTML 1Page - Copal Electronics CT6EP103 Datasheet HTML 2Page - Copal Electronics CT6EP103 Datasheet HTML 3Page - Copal Electronics CT6EP103 Datasheet HTML 4Page - Copal Electronics CT6EP103 Datasheet HTML 5Page - Copal Electronics CT6EP103 Datasheet HTML 6Page - Copal Electronics CT6EP103 Datasheet HTML 7Page - Copal Electronics CT6EP103 Datasheet HTML 8Page - Copal Electronics CT6EP103 Datasheet HTML 9Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
1
2
3
1
2
3
1
2
3
1
2
3
3
2
1
1
2
3
1
2
3
2
13
2
1
2
3
Top adjustment
Side adjustment
(
↑ Adjustment
direction)
Rear adjustment
Pieces in package
Adjustment
position
Shape of terminal
(Top view)
Form of packaging
Taping
Magazine (stick)
Plastic bag
Remarks
■ LIST OF PART NUMBERS
1000 pcs./taping
75 pcs./stick
50 pcs./pack
—
A CT-6ER
—
CT-6ETH
Ammo pack type
CT-6EMS
CT-6ES
CT-6EX
CT-6EH
CT-6EN
A CT-6EF
The pin length of CT-6EMS is different from
CT-6ES.
—
The pin length of CT-6ETH is different from
CT-6EH.
—
—
CT-6ETV
Ammo pack type
CT-6EV
—
CT-6EW
—
CT-6EMP
CT-6ETP
Ammo pack type
CT-6EP
The pin length of CT-6ETP & CT-6EMP is
different from CT-6EP.
※ The above part numbers are all available with the respective
combination of <Nominal resistance values> (Fig. 1).
※Verify the above part numbers when placing orders.
※Taping and magazine specifications are not sold separately and must
be purchased in taping or stick units.
 :Not manufactured
The products indicated by
A mark are manufactured upon receipt of
order basis.
〈Nominal resistance values〉
Fig. 1
A 10 Ω A 20 Ω
50
Ω
100
Ω
200
Ω
500
Ω
1 k
Ω
2 k
Ω
5 k
Ω
10 k
Ω
20 k
Ω
50 k
Ω
100 k
Ω
200 k
Ω
500 k
Ω
1 M
Ω
2 M
Ω
CT-6
CERMET TRIMMERS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com