Electronic Components Datasheet Search
  English  ▼

X  

SM-3TW103 Datasheet(PDF) 2 Page - Copal Electronics

Part # SM-3TW103
Description  SURFACE MOUNT CERMET TRIMMERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SM-3TW103 Datasheet(HTML) 2 Page - Copal Electronics

  SM-3TW103 Datasheet HTML 1Page - Copal Electronics SM-3TW103 Datasheet HTML 2Page - Copal Electronics SM-3TW103 Datasheet HTML 3Page - Copal Electronics SM-3TW103 Datasheet HTML 4Page - Copal Electronics SM-3TW103 Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
11
5
Top adjustment
Side adjustment
Top adjustment
Side adjustment
Pieces in package
Electrical turns
Adjustment
position
Shape of terminal
Form of packaging
Taping (reel)
Plastic bag
■ LIST OF PART NUMBERS
W
A
B
(J-hook)
(J-hook)
W
A
B
(J-hook)
(J-hook)
(Gull wing)
(Gull wing)
SM-3TW
SM-3W
SM-3TA
SM-3A
SM-3TB
SM-3B
SM-31TW
SM-31W
SM-31TA
SM-31A
SM-31TB
SM-31B
500 pcs./reel
50 pcs./pack
〈Nominal resistance values〉
■ ELECTRICAL CHARACTERISTICS
■ MECHANICAL CHARACTERISTICS
■ ENVIRONMENTAL CHARACTERISTICS
50
Ω 100 Ω 200 Ω 500 Ω 1 kΩ
2 k
Ω
5 k
Ω 10 kΩ
20 k
Ω 50 kΩ 100 kΩ 200 kΩ 500 kΩ 1 MΩ 2 MΩ
Fig. 1
※ The above part numbers are all available with the respective combination
of <Nominal resistance values> (Fig. 1).
※ Verify the above part numbers when placing orders.
※ Taping specification is not sold separately and must be purchased in reel units.
SM-3/31
SURFACE MOUNT TRIMMERS
Reflow profile for soldering heat evaluation〉
Reflow : two times maximum
Peak : 250
Over 230 C
Pre Heating Zone
180 C
(C)
250
200
150
100
50
150 C
90 30 s
30 10 s
Soldering Zone
Heating time
C
+5
0
Soldering heat
[
ΔR/R ≦ 1 %]
Reflow : Peak temperature 255 °C
(Please refer to the profile below.)
Manual soldering
:350
± 10 °C, 3 ~ 4 s
Operating torque
Mechanical stop
Rotational life
Thrust to shaft
Solderability
Shear (Adhesion)
Substrate bending
Pull-off strength
5 mN·m {51 gf·cm} maximum
Clutch action
200 cycles [
ΔR/R ≦
± (2 Ω +3 %)]
5 N {0.51 kgf} minimum
245
± 3 °C, 2 ~ 3 s
5 N {0.51 kgf} 10 s
Width 90 mm, bend 3 mm, 5 s, 1 time
5 N {0.51 kgf} 10 s
{ }:Reference only
Nominal resistance range
Resistance tolerance
Power ratings
Resistance law
Maximum input voltage
Maximum wiper current
Effective electrical turn
End resistance
C.R.V.
Operating temp. range
Temp. coefficient
Insulation resistance
Dielectric strength
Net weight
50
Ω ~ 2 MΩ
± 20 %
0.125 W (70 °C) 0 W (150 °C)
(B)Linear law
DC200 V or power rating, whichever is smaller
100 mA or power rating, whichever is smaller
11 turns (SM-3) / 5 turns (SM-31)
1 % or 3
Ω, whichever is greater
3 % or 3
Ω, whichever is greater
−65 ~ 150 °C
±100 10-6/°C maximum
100 M
Ω minimum (DC500 V)
AC600 V, 60 s
Approx. 0.10 g
Test item
Test conditions
Specifications
Thermal shock
Humidity
Shock
Vibration
Load life
Low temp. operation
High temp. exposure
Immersion seal
ΔR/R:Change in total resistance
S.S.
:Setting stability
−65 ~ 150 °C (0.5 h), 5 cycles
[
ΔR/R ≦ 2 %]
[S.S.
≦ 2 %]
−10 ~ 65 °C (80 ~ 98 %),
10 cycles, 240 h
[
ΔR/R ≦ 3 %]
981 m/s
2, 6 ms
6 directions for 3 times each
[
ΔR/R ≦ 1 %]
[S.S.
≦ 1 %]
(Amplitude) 1.52 mm or
(Acceleration) 196 m/s
2,
10 ~ 2000 Hz, 3 directions, 12 times each
70 °C, 0.125 W, 1000 h
[
ΔR/R ≦ 3 %]
[S.S.
≦ 2 %]
−65 °C, 2 h
[
ΔR/R ≦ 2 %]
[S.S.
≦ 2 %]
150 °C, 250 h
[
ΔR/R ≦ 3 %]
[S.S.
≦ 2 %]
85 °C, 60 s
No leaks (No continuous bubbles)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com