Electronic Components Datasheet Search
  English  ▼

X  

STB6N60M2 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STB6N60M2
Description  Extremely low gate charge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB6N60M2 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STB6N60M2 Datasheet HTML 13Page - STMicroelectronics STB6N60M2 Datasheet HTML 14Page - STMicroelectronics STB6N60M2 Datasheet HTML 15Page - STMicroelectronics STB6N60M2 Datasheet HTML 16Page - STMicroelectronics STB6N60M2 Datasheet HTML 17Page - STMicroelectronics STB6N60M2 Datasheet HTML 18Page - STMicroelectronics STB6N60M2 Datasheet HTML 19Page - STMicroelectronics STB6N60M2 Datasheet HTML 20Page - STMicroelectronics STB6N60M2 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Packing information
STB6N60M2, STD6N60M2
18/21
DocID024772 Rev 3
Table 12. DPAK (TO-252) tape and reel mechanical data
Tape
Reel
Dim.
mm
Dim.
mm
Min.
Max.
Min.
Max.
A0
6.8
7
A
330
B0
10.4
10.6
B
1.5
B1
12.1
C
12.8
13.2
D
1.5
1.6
D
20.2
D1
1.5
G
16.4
18.4
E1.65
1.85
N
50
F
7.4
7.6
T
22.4
K0
2.55
2.75
P0
3.9
4.1
Base qty.
2500
P1
7.9
8.1
Bulk qty.
2500
P2
1.9
2.1
R40
T0.25
0.35
W15.7
16.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21