Electronic Components Datasheet Search
  English  ▼

X  

STI6N80K5 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STI6N80K5
Description  Zener-protected
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI6N80K5 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STI6N80K5 Datasheet HTML 2Page - STMicroelectronics STI6N80K5 Datasheet HTML 3Page - STMicroelectronics STI6N80K5 Datasheet HTML 4Page - STMicroelectronics STI6N80K5 Datasheet HTML 5Page - STMicroelectronics STI6N80K5 Datasheet HTML 6Page - STMicroelectronics STI6N80K5 Datasheet HTML 7Page - STMicroelectronics STI6N80K5 Datasheet HTML 8Page - STMicroelectronics STI6N80K5 Datasheet HTML 9Page - STMicroelectronics STI6N80K5 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Electrical characteristics
STB6N80K5, STD6N80K5, STI6N80K5, STP6N80K5
6/26
DocID024661 Rev 3
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area for D2PAK,
TO-220 and I2PAK
Figure 3. Thermal impedance for D2PAK,
TO-220 and I2PAK
Figure 4. Safe operating area for DPAK
Figure 5. Thermal impedance for DPAK
Figure 6. Output characteristics
Figure 7. Transfer characteristics
ID
0
0
4
VDS(V)
8
(A)
12
8
6V
7V
VGS=10, 11, 12V
2
4
6
8V
9V
16
AM18115v1
ID
6
4
2
0
6
VGS(V)
8
(A)
5
7
9
8
VDS=20V
10
11
AM18116v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com