Electronic Components Datasheet Search
  English  ▼

X  

STB10N95K5 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STB10N95K5
Description  Switching applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB10N95K5 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STB10N95K5 Datasheet HTML 3Page - STMicroelectronics STB10N95K5 Datasheet HTML 4Page - STMicroelectronics STB10N95K5 Datasheet HTML 5Page - STMicroelectronics STB10N95K5 Datasheet HTML 6Page - STMicroelectronics STB10N95K5 Datasheet HTML 7Page - STMicroelectronics STB10N95K5 Datasheet HTML 8Page - STMicroelectronics STB10N95K5 Datasheet HTML 9Page - STMicroelectronics STB10N95K5 Datasheet HTML 10Page - STMicroelectronics STB10N95K5 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
DocID024850 Rev 3
7/22
STB10N95K5, STF10N95K5, STP10N95K5, STW10N95K5
Electrical characteristics
22
Figure 8. Output characteristics
Figure 9. Transfer characteristics
Figure 10. Gate charge vs gate-source voltage
Figure 11. Static drain-source on-resistance
Figure 12. Capacitance variations
Figure 13. Output capacitance stored energy
ID
12
4
0
0
4
VDS(V)
8
(A)
12
6V
VGS=10, 11V
8
16
16
7V
8V
9V
AM16136v1
ID
16
8
0
5
7
VGS(V)
9
(A)
6
8
10
4
12
VDS=20V
AM16137v1
VGS
6
4
2
0
0
10
Qg(nC)
(V)
8
15
20
10
VDD=760V
ID=8A
200
0
400
600
VDS
5
VDS
(V)
AM16138v1
RDS(on)
0.8
0.4
0
2
4
ID(A)
(
Ω)
3
5
1.2
VGS=10V
6
1.6
7
AM16139v1
C
100
10
1
0.1
0.1
10
VDS(V)
(pF)
1
100
Ciss
Coss
Crss
1000
AM16140v1
Eoss
4
2
0
0
VDS(V)
(µJ)
400
200
6
600
8
10
800
AM16141v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com