Electronic Components Datasheet Search
  English  ▼

X  

HAL3715 Datasheet(PDF) 2 Page - Micronas

Part # HAL3715
Description  Second-Generation 3D HAL짰 Sensor Family with Superior Angular Accuracy
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL3715 Datasheet(HTML) 2 Page - Micronas

  HAL3715 Datasheet HTML 1Page - Micronas HAL3715 Datasheet HTML 2Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRODUCT INFORMATION
HAL 37xy
May/2014
All information and data contained in this product information are without any commitment, are not to be consid-
ered as an offer for conclusion of a contract, nor shall they be construed as to create any liability. Product or
development sample availability and delivery are exclusively subject to our respective order confirmation form. By
this publication, Micronas GmbH does not assume responsibility for patent infringements or other rights of third
parties which may result from its use.
Micronas GmbH
Hans-Bunte-Strasse 19D-79108 Freiburg (Germany)P.O. Box 840D-79008 Freiburg (Germany)
Tel. +49-761-517-0
Fax +49-761-517-2174E-mail: docservice@micronas.comwww.micronas.com
No part of this publication may be reproduced, photo-
copied, stored on a retrieval system, or transmitted
without the express written consent of Micronas GmbH.
Edition May 15, 2014; Order No. PI000149_001EN
Major Applications
The new HAL 37xy family is the optimal
system solution for applications, such as:
◆ Linear movement measurements
(EGR, clutch, transmission position)
◆ Rotary position measurements
(gear selector, motor air management)
◆ Non-contact potentiometer
System Architecture
The sensors include two vertical and one
horizontal Hall plate with spinning current
offset compensation for the detection of X,
Y, or Z magnetic field components, a signal
processor for calculation and signal condi-
tioning of two magnetic field components,
protection devices, and a ratiometric linear
analog, PWM, or SENT output.
The spinning current offset compensation
minimizes the errors due to supply voltage
and temperature variations or external
package stress.
The signal path of HAL 37xy consists of two
channels (CH1 and CH2). Depending on
the product variant, two out of the three
magnetic field components are connected
to Channel 1 and Channel 2.
The sensors can be used for angle mea-
surements in a range between 0° and 360°
(end-of-shaft and through-shaft setup), as
well as for robust position detection (linear
movement or position). The in-system cali-
bration can be utilized by the system
designer to optimize the performance for a
specific system. The calibration information
is stored in the on-chip EEPROM.
The HAL 37xy is programmable by modu-
lating the output voltage. No additional pro-
gramming pin is needed.
Fig. 1: Block diagram of the HAL 37xy
Internally
Temperature
Oscillator
OUT
VSUP
GND
EEPROM Memory
Lock Control
stabilized
Supply and
Protection
Devices
Dependent
Bias
Protection
Devices
D/A
Temperature
A/D
Sensor
Converter
X/Y/Z
Hall Plate
A/D
A/D
Analog
Output
Converter
Open-circuit,
Overvoltage,
Undervoltage
Detection
Digital
Output
DSP
PWM/SENT
Module
33 Setpoints
Linearization
X/Y/Z
Hall Plate
Available Types and Behavior
Type
Output Format
Detectable Field Component
HAL 3715
Analog Modulo
BX and BY
HAL 3725
Analog
BX and BY
HAL 3726
Analog
BY and BZ
HAL 3727
Analog
BX and BZ
HAL 3735
PWM and SENT
BX and BY
HAL 3736
PWM and SENT
BY and BZ
HAL 3737
PWM and SENT
BX and BZ



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com