Electronic Components Datasheet Search
  English  ▼

X  

HAL3736 Datasheet(PDF) 1 Page - Micronas

Part # HAL3736
Description  Second-Generation 3D HAL짰 Sensor Family with Superior Angular Accuracy
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL3736 Datasheet(HTML) 1 Page - Micronas

  HAL3736 Datasheet HTML 1Page - Micronas HAL3736 Datasheet HTML 2Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HAL 37xy
May/2014
PRODUCT INFORMATION
HAL® 37xy
Second-Generation 3D HAL® Sensor Family
with Superior Angular Accuracy
The HAL 37xy family is the second sensor
generation
using
Micronas’
proprietary
3D HAL technology, which offers a further
improvement of the angular performance.
Compared to the first generation, a 30%
lower angular error has been achieved.
Operation with magnetic fields down to
20 mT is enabled thanks to the improved
technology. HAL 3715 and HAL 372x pro-
vide a linear, ratiometric analog output sig-
nal with integrated wire-break detection
working with pull-up or pull-down resistors.
HAL 373x features digital output formats
such as PWM and SENT SAEJ2716 rev.
2010. The digital output format is customer
programmable.
The sensors can measure three magnetic
field components BX, BY, and BZ. This
enables a set of potential applications for
position detection, such as wide distance,
angle or through-shaft angular measure-
ments. On-chip signal processing calcu-
lates the angle out of two of the magnetic
field components and converts this value
into an output signal. The sensor exhibits
excellent drift performance over the specified
temperature range resulting in a new class
of accuracy for angular or linear measure-
ments. The sensor features an arbitrarily
programmable stepwise linear characteris-
tic for linearization of the output signal.
Major characteristics can be adjusted to the
magnetic circuit by programming the non-
volatile memory.
The sensors contain advanced on-board
diagnostic features that enhance fail-safe
detection. The devices are designed for
automotive and industrial applications and
operate in the junction temperature range
from
40 °C up to 170 °C. The sensors are
available in a very small four-pin leaded
transistor package TO92UP, as well as in a
SOIC8 package.
Features
◆ Measurement extremely robust against
temperature and stress influences
◆ Operating with magnetic field amplitudes
down to
20 mT with an angular accu-
racy of
0.5% FS (digital output, X-Y Hall
plates)
◆ 12 bit ratiometric linear analog output for
HAL 372x
◆ Modulo 90°/120° output for HAL 3715
◆ 0.2 kHz to 2 kHz PWM (up to 12 bit) or
12 bit SENT output for HAL 373x
◆ Programmable arbitrary output charac-
teristic with up to 33 setpoints
◆ Operates from VSUP=4.5 V up to 5.5 V
◆ Operates from TJ=40 °C up to 170 °C
◆ Programming via the sensor’s output pin
◆ Programmable characteristics in
EEPROM with redundancy and lock
function
◆ 2nd-order temperature-dependent offset
programmable for X/Y- or Z-channel
◆ On-chip diagnostics
◆ Short-circuit protected push-pull output
◆ Over-/reverse-voltage protection at
VSUP
◆ Under- and overvoltage detection of
VSUP
◆ Wire-break detection with pull-up and
pull-down resistors


Similar Part No. - HAL3736

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
HAL3736 TDK-HAL3736 Datasheet
453Kb / 46P
Robust Programmable 2D Position Sensor Family with Arbitrary Output Function
More results

Similar Description - HAL3736

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1562 MICROSEMI-LX1562 Datasheet
443Kb / 25P
SECOND-GENERATION POWER FACTOR CONTROLLER
logo
Omron Electronics LLC
D6F-P OMRON-D6F-P Datasheet
748Kb / 6P
A Compact, High-accuracy Flow Sensor with Superior Resistance to Environments.
logo
IC-Haus GmbH
IC-MA3 ICHAUS-IC-MA3 Datasheet
610Kb / 19P
ANGULAR HALL SENSOR
logo
Advantech Co., Ltd.
SOM-5893 ADVANTECH-SOM-5893_17 Datasheet
927Kb / 2P
Second generation AMD embedded
logo
Littelfuse
55250 LITTELFUSE-55250 Datasheet
2Mb / 2P
55250 Angular Displacement Sensor
logo
Monolithic Power System...
MP6570 MPS-MP6570 Datasheet
68Kb / 2P
PMSM FOC Controller With High Accuracy Angular Sensor
logo
Standex Electronics, In...
A63-APS360-LACB1E STANDEX-A63-APS360-LACB1E Datasheet
704Kb / 3P
Angular Position Sensor
Rev ACA
MFM7-APS090-LACD4 STANDEX-MFM7-APS090-LACD4 Datasheet
747Kb / 3P
Angular Position Sensor
Rev ADB
MFM7-APS180-LACD4 STANDEX-MFM7-APS180-LACD4 Datasheet
747Kb / 3P
Angular Position Sensor
Rev ADB
MFM7-APS360-LACD4 STANDEX-MFM7-APS360-LACD4 Datasheet
752Kb / 3P
Angular Position Sensor
Rev ADB
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com