Electronic Components Datasheet Search
  English  ▼

X  

HAL817 Datasheet(PDF) 35 Page - Micronas

Part # HAL817
Description  Programmer Board
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL817 Datasheet(HTML) 35 Page - Micronas

Back Button HAL817 Datasheet HTML 31Page - Micronas HAL817 Datasheet HTML 32Page - Micronas HAL817 Datasheet HTML 33Page - Micronas HAL817 Datasheet HTML 34Page - Micronas HAL817 Datasheet HTML 35Page - Micronas HAL817 Datasheet HTML 36Page - Micronas HAL817 Datasheet HTML 37Page - Micronas HAL817 Datasheet HTML 38Page - Micronas HAL817 Datasheet HTML 39Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 102 page
background image
APPLICATION NOTE
HAL8xy, HAL100x
Programmer Board
Micronas
Sept. 19, 2013; APN000046_03EN
35
5. Operation Mode 1
HAL805, HAL815, HAL817, HAL810, HAL82x, HAL83x, HAL880, HAL1000 and
HAL1002
This operation mode is set by sending the “j1” command. Unlike the emulation mode
described in the previous section, this operation mode allows the use of additional fea-
tures which are not implemented in the Hall Programmer Board V 4.1.
Communication:
PC
prog. board
Section 5.1 and Section 5.2 contain a detailed description of communication between
the PC and the programmer board V 5.1. Particularly, all board commands available in
the operation mode “j1” are listed.
Communication:
prog. board
sensor
The communication between the programmer board and the Hall sensor is described in
Section 5.3
Data formats
The data formats for communication between both the PC and the board, and the
board and the sensor are summarized in Section 5.4
Programming
procedure
Finally, Section 5.5 depicts the programming procedure and gives an example of a
complete programming sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com