Electronic Components Datasheet Search
  English  ▼

X  

STD7N60M2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STD7N60M2
Description  Extremely low gate charge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD7N60M2 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STD7N60M2 Datasheet HTML 3Page - STMicroelectronics STD7N60M2 Datasheet HTML 4Page - STMicroelectronics STD7N60M2 Datasheet HTML 5Page - STMicroelectronics STD7N60M2 Datasheet HTML 6Page - STMicroelectronics STD7N60M2 Datasheet HTML 7Page - STMicroelectronics STD7N60M2 Datasheet HTML 8Page - STMicroelectronics STD7N60M2 Datasheet HTML 9Page - STMicroelectronics STD7N60M2 Datasheet HTML 10Page - STMicroelectronics STD7N60M2 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
DocID024622 Rev 1
7/21
STD7N60M2, STP7N60M2, STU7N60M2
Electrical characteristics
21
Figure 8. Gate charge vs gate-source voltage
Figure 9. Static drain-source on-resistance
Figure 10. Capacitance variations
Figure 11. Output capacitance stored energy
Figure 12. Normalized gate threshold voltage
vs. temperature
Figure 13. Normalized on-resistance vs.
temperature
VGS
6
4
2
0
0
2
Qg(nC)
(V)
8
8
4
6
10
12
300
200
100
0
400
500
VDS
VDS
(V)
VDD=480V
ID=5A
10
AM15824v1
RDS(on)
0.860
0.850
0.840
0.830
0
3
ID(A)
(
Ω)
2
4
0.870
VGS=10V
5
1
0.880
0.890
0.900
0.910
AM15817v1
C
100
10
1
0.1
0.1
10
VDS(V)
(pF)
1
100
Ciss
Coss
Crss
1000
AM15818v1
Eoss
2
1
0
0
VDS(V)
(µJ)
200
100
300
400
500
600
AM15819v1
VGS(th)
0.9
0.8
0.7
0.6
TJ(°C)
(norm)
-50
1.0
ID=250µA
0
50
100
1.1
AM15718v1
RDS(on)
1.3
0.9
0.5
-50
-25
TJ(°C)
(norm)
0
100
0.7
1.1
ID=2.5 A
1.5
25
50
75
1.7
1.9
2.1
2.3
AM15821v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com