Electronic Components Datasheet Search
  English  ▼

X  

STU11N65M2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STU11N65M2
Description  Extremely low gate charge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU11N65M2 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STU11N65M2 Datasheet HTML 3Page - STMicroelectronics STU11N65M2 Datasheet HTML 4Page - STMicroelectronics STU11N65M2 Datasheet HTML 5Page - STMicroelectronics STU11N65M2 Datasheet HTML 6Page - STMicroelectronics STU11N65M2 Datasheet HTML 7Page - STMicroelectronics STU11N65M2 Datasheet HTML 8Page - STMicroelectronics STU11N65M2 Datasheet HTML 9Page - STMicroelectronics STU11N65M2 Datasheet HTML 10Page - STMicroelectronics STU11N65M2 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
DocID026376 Rev 1
7/21
STD11N65M2, STP11N65M2, STU11N65M2
Electrical characteristics
21
Figure 8. Normalized V(BR)DSS vs temperature
Figure 9. Static drain-source on-resistance
Figure 10. Gate charge vs gate-source voltage
Figure 11. Capacitance variations
Figure 12. Normalized gate threshold voltage vs
temperature
Figure 13. Normalized on-resistance vs
temperature
V(BR)DSS
-50
TJ(°C)
(norm)
0
0.93
0.95
0.97
0.99
1.01
ID=1 mA
50
100
1.03
-25
25
75
125
1.05
1.07
1.09
GIPD251020131007SA
RDS(on)
0.600
0.590
0.580
0.570
0
2
ID(A)
(
Ω)
1
3
0.610
4
5
VGS=10V
6
0.620
0.630
7
GIPG200120141659FSR
VGS
6
4
2
0
0
Qg(nC)
(V)
6
8
4
10
VDD=520V
300
200
100
0
400
VDS
8
10
500
VDS
(V)
ID=7A
2
12
12
GIPD251020131029SA
C
10
1
0.1
0.1
10
VDS(V)
(pF)
1
100
Ciss
Coss
Crss
100
1000
GIPD251020131055SA
VGS(th)
0.8
0.7
TJ(°C)
(norm)
-50
0.9
ID=250µA
0
50
100
-25
25
75
1.0
1.1
125
GIPD251020131132SA
RDS(on)
1.3
1.1
0.9
0.7
TJ(°C)
(norm)
0.5
ID=3.5A
-50
0
50
100
-25
25
75
125
1.5
1.7
1.9
2.1
2.3
2.5
VGS=10V
GIPG200120141706FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com