Electronic Components Datasheet Search
  English  ▼

X  

STF25N10F7 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STF25N10F7
Description  Ultra low on-resistance
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF25N10F7 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STF25N10F7 Datasheet HTML 4Page - STMicroelectronics STF25N10F7 Datasheet HTML 5Page - STMicroelectronics STF25N10F7 Datasheet HTML 6Page - STMicroelectronics STF25N10F7 Datasheet HTML 7Page - STMicroelectronics STF25N10F7 Datasheet HTML 8Page - STMicroelectronics STF25N10F7 Datasheet HTML 9Page - STMicroelectronics STF25N10F7 Datasheet HTML 10Page - STMicroelectronics STF25N10F7 Datasheet HTML 11Page - STMicroelectronics STF25N10F7 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Electrical characteristics
STD25N10F7, STF25N10F7, STP25N10F7
8/21
DocID025265 Rev 1
Figure 14. Normalized on-resistance vs
temperature
Figure 15. Normalized BVDSS vs temperature
Figure 16. Source-drain diode forward
characteristics
RDS(on)
2
1.5
0.5
0
TJ(°C)
(norm)
ID=12.5A
1
-55
-5
-30
70
20
45
95 120
AM16014v1
VDS
TJ(°C)
(norm)
0.96
0.98
1
1.02
ID=250µA
-55
-5
-30
70
20
45
95 120
1.04
AM16015v1
VSD
0
10
ISD(A)
(V)
5
25
15
20
0.7
0.8
0.9
1
TJ=-50°C
TJ=150°C
TJ=25°C
1.1
0.6
AM16016v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com