Electronic Components Datasheet Search
  English  ▼

X  

STD80N10F7 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STD80N10F7
Description  Ultra low on-resistance
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD80N10F7 Datasheet(HTML) 4 Page - STMicroelectronics

  STD80N10F7 Datasheet HTML 1Page - STMicroelectronics STD80N10F7 Datasheet HTML 2Page - STMicroelectronics STD80N10F7 Datasheet HTML 3Page - STMicroelectronics STD80N10F7 Datasheet HTML 4Page - STMicroelectronics STD80N10F7 Datasheet HTML 5Page - STMicroelectronics STD80N10F7 Datasheet HTML 6Page - STMicroelectronics STD80N10F7 Datasheet HTML 7Page - STMicroelectronics STD80N10F7 Datasheet HTML 8Page - STMicroelectronics STD80N10F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Electrical characteristics
STD80N10F7, STF80N10F7, STH80N10F7-2, STP80N10F7
4/25
DocID025865 Rev 1
2
Electrical characteristics
(T
C
= 25 °C unless otherwise specified)
Table 4. On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V
(BR)DSS
Drain-source
breakdown voltage
I
D
= 250
μA, V
GS
= 0
100
V
I
DSS
Zero gate voltage
drain current (V
GS
= 0)
V
DS
= 100 V
V
DS
= 100 V, T
C
=125 °C
1
100
μA
μA
I
GSS
Gate-body leakage
current (V
DS
= 0)
V
GS
= 20 V
100
μA
V
GS(th)
Gate threshold voltage
V
DS
= V
GS
, I
D
= 250 μA
2.5
3.5
4.5
V
R
DS(on)
Static drain-source
on-resistance
for DPAK, TO-220 and
TO-220FP: I
D
= 40 A, V
GS
=10 V
0.0085
0.010
Ω
for H
2
PAK-2: V
GS
=10 V, I
D
=40 A
0.008
0.0095
Ω
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
C
iss
Input capacitance
V
DS
= 50 V, f = 1 MHz,
V
GS
= 0
-
3100
-
pF
C
oss
Output capacitance
-
700
-
pF
C
rss
Reverse transfer
capacitance
-45
-
pF
Q
g
Total gate charge
V
DD
= 50 V, I
D
= 80 A,
V
GS
= 10 V
(see
Figure 18)
-45
-
nC
Q
gs
Gate-source charge
-
18
-
nC
Q
gd
Gate-drain charge
-
13
-
nC
Table 6. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
t
d
(on)
Turn-on delay time
V
DD
= 50 V, I
D
= 40 A,
R
G
= 4.7
Ω, V
GS
= 10 V
(see
Figure 19 and Figure 22)
-19
-
ns
t
r
Rise time
-
32
-
ns
t
d
(off)
Turn-off delay time
-
36
-
ns
t
f
Fall time
-
13
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com