Electronic Components Datasheet Search
  English  ▼

X  

FPR4-T220 Datasheet(PDF) 2 Page - Riedon Powertron

Part # FPR4-T220
Description  Precision Power Shunt Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

FPR4-T220 Datasheet(HTML) 2 Page - Riedon Powertron

  FPR4-T220 Datasheet HTML 1Page - Riedon Powertron FPR4-T220 Datasheet HTML 2Page - Riedon Powertron FPR4-T220 Datasheet HTML 3Page - Riedon Powertron FPR4-T220 Datasheet HTML 4Page - Riedon Powertron FPR4-T220 Datasheet HTML 5Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
04/14
0
20
40
60
80
100
120
25
50
85
100
115
130
Temperature of the backplate (°C)
0.5%
0.1%
0.2%
Temperature Coefficient
SPECIFICATIONS (continued)
FPR FPS 2/4-T220 T221
Derating
Precision Power Shunt Resistors
Power Rating Notes -
The FPR Series Resistors must be attached to a suitable heat-
sink. The maximum internal resistor temperature is 130°C.
To specify an appropriate heatsink use the following formula :
Where: R
q
H = Thermal Resistance of Heatsink ( K/W )
R
q
R = Thermal Resistance of Resistor ( K/W )
T
MAX = Maximum Temperature of Resistor
T
A = Ambient Temperature of Heatsink ( °C )
P = Power Through Resistor ( W )
( *
)
R
P
T
P R
T
H
MAX
R
A
=
-
-
H
H



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com