Electronic Components Datasheet Search
  English  ▼

X  

MFP55 Datasheet(PDF) 1 Page - Riedon Powertron

Part # MFP55
Description  Precision Metal Film Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

MFP55 Datasheet(HTML) 1 Page - Riedon Powertron

  MFP55 Datasheet HTML 1Page - Riedon Powertron MFP55 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
05/14
MFP Series
Precision Metal Film Resistors
Type
MFP50
MFP55
MFP60
MFP65
MFP70
MIL-R-55182
RN50
RN55
RN60
RN65
RN70
DIN-44061
0204
0207
0411
0617
0719
Resistance Range *
10Ω to 1M
Power rating (70°C)
0.125W
0.25W
0.5W
1W
2W
Tolerances
0.1% - 0.5%
0.01%, 0.025%, 0.05%, 0.1%, 0.25%, 0.5%
Temperature Coefficient
5 / 10 / 15 / 25 / 50 ppm/°C
Operating Voltage
200V
250V
300V
500V
500V
Short Time Overload Voltage
400V
500V
700V
1000V
1000V
Operating Temperature Range
-65 to 155°C
Dimensions ( mm )
L
ФD
Фd
3.3 ±0.2
1.7 ±0.2
0.45 ±0.05
6.5 ±0.5
2.3 ±0.2
0.6 ±0.05
9.5 ±1.0
3.5 ±0.5
0.6 ±0.05
12.0 ±1.0
4.5 ±0.5
0.8 ±0.05
16.0 ±1.0
5.5 ±0.5
0.8 ±0.05
* Lower than 10 Ohm or higher than 1 MOhm consult factory.
SPECIFICATIONS
Part Description: Part Type - Resistance - Tolerance - TCR
MFP65 10K Ohms 0.1% 10ppm
Ordering Information
• Resistances from 10Ohm to 1MOhms
• Power Rating to 2Watts
• Resistance Tolerances to ±0.01%
• TCR’s to ±5ppm/°C
• Convenient RN Type Package Styles
• Lower Tolerance Available on Request


Similar Part No. - MFP55

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
MFP55 RIEDON-MFP55 Datasheet
167Kb / 2P
Precision Metal Film Resistors
logo
List of Unclassifed Man...
MFP555 ETC2-MFP555 Datasheet
530Kb / 2P
GOAT ANTI ANTI-MOUSE IGG G (HL) A ANTIBODY
More results

Similar Description - MFP55

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC55 ETC-RC55 Datasheet
145Kb / 3P
Precision Metal Film Resistors
logo
Welwyn Components Limit...
RC55 WELWYN-RC55 Datasheet
351Kb / 3P
Precision Metal Film Resistors
RCP WELWYN-RCP Datasheet
132Kb / 2P
Precision Metal Film Resistors
logo
Riedon Powertron
MF2000 RIEDON-MF2000 Datasheet
301Kb / 2P
Precision / Metal Film Resistors
logo
RCD COMPONENTS INC.
MF55-R100-FB25 RCD-MF55-R100-FB25 Datasheet
43Kb / 1P
PRECISION METAL FILM RESISTORS
logo
IRC - a TT electronics ...
GP551001001F IRCTT-GP551001001F Datasheet
69Kb / 2P
PRECISION METAL FILM RESISTORS
GP551001001FBLK IRCTT-GP551001001FBLK Datasheet
297Kb / 4P
Precision Metal Film Resistors
logo
Riedon Powertron
MF2000 RIEDON-MF2000_13 Datasheet
172Kb / 1P
Precision / Metal Film Resistors
MFP1 RIEDON-MFP1 Datasheet
167Kb / 2P
Precision Metal Film Resistors
logo
TT Electronics.
RC55 TTELEC-RC55 Datasheet
446Kb / 4P
Precision Metal Film Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com