Electronic Components Datasheet Search
  English  ▼

X  

RF212-21 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # RF212-21
Description  Image-Reject Front End for Dual or Tri-Band GSM Applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RF212-21 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  RF212-21 Datasheet HTML 1Page - List of Unclassifed Manufacturers RF212-21 Datasheet HTML 2Page - List of Unclassifed Manufacturers RF212-21 Datasheet HTML 3Page - List of Unclassifed Manufacturers RF212-21 Datasheet HTML 4Page - List of Unclassifed Manufacturers RF212-21 Datasheet HTML 5Page - List of Unclassifed Manufacturers RF212-21 Datasheet HTML 6Page - List of Unclassifed Manufacturers RF212-21 Datasheet HTML 7Page - List of Unclassifed Manufacturers RF212-21 Datasheet HTML 8Page - List of Unclassifed Manufacturers RF212-21 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
RF212
Image-Reject Front End
6
Conexant
100780D
May 24, 2000
Proprietary Information and Specifications are Subject to Change
Table 7. RF212 Electrical Specifications (3 of 3)
(TA = 25
°°°°C, Vcc = 2.7 V, fIF = 400 MHz, Plo = −−−−10 dBm)
Parameter
Symbol
Test Condition
Min
Typical
Max
Units
PCS1900 Mode (for tri-band device only) (continued)
Input 1 dB compression point
high gain mode
low gain mode
−23
−20
–20
–16
dBm
dBm
Input third order intercept point
−12
dBm
Differential IF shunt output resistance
2
k
Ω
Image rejection:
fIF = 400 MHz
fIF = 350 or 450 MHz
35
25
40
dB
dB
Local Oscillator (LO)
LO frequency
1275
1640
MHz
LO input return loss (with external matching circuit)
fIF = 400 MHz
−10
dB
LO input power
PLO
−15
−10
−5
dBm
Control Signals (All Modes)
Digital input voltages (ENA, GAINSEL, BANDSEL1,
BANDSEL2, and STEPSEL)
VIH
VIL
Vcc –
0.4
0.4
V
V
Enable time
tON
10
µs
Bandselect switching time
15
µs
Note 1: Assumes
−5 dBm @ 915 MHz blocker at the antenna input attenuated by 17 dB.
Note 2: Assumes
−12 dBm @ 1785 MHz blocker at the antenna input attenuated by 10 dB.
Note 3: Assumes
−12 dBm @ 1910 MHz blocker at the antenna input attenuated by 10 dB.
LNA900IN
LNA1800IN
LNA1900IN
GAINSEL
ENABLE
LOIN
IFOUT-
IFOUT+
Bias
EGSM Rx filter
DCS Rx Filter
BANDSEL1
BANDSEL2
STEPSEL
Control
7
4
8
9
10
19
13
18
15
14
16
17
20
6
5
2
3
12
Vcc
22 pF
22 pF
2000
10
10
2000
2000
2000
2000
47pF
12 nH
22 pF
4.7 nH
27 pF
22 pF
L1
82 nH
L2
82 nH
2.2 F
10 pF
22 pF
100 pF
100 pF
12 pF
1.5 pF
3.0 nH
PCS Rx Filter
1.2 pF
3.0 nH
to
IF SAW
match
2 K || (L1+L2)
differential
C903
Figure 3. Typical RF212 Application Circuit
(for dual-band device, ground pins 9 and 15)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com