Electronic Components Datasheet Search
  English  ▼

X  

CDB620-101 Datasheet(PDF) 3 Page - SICK AG

Part # CDB620-101
Description  CONNECTIVITY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

CDB620-101 Datasheet(HTML) 3 Page - SICK AG

  CDB620-101 Datasheet HTML 1Page - SICK AG CDB620-101 Datasheet HTML 2Page - SICK AG CDB620-101 Datasheet HTML 3Page - SICK AG CDB620-101 Datasheet HTML 4Page - SICK AG CDB620-101 Datasheet HTML 5Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CDB620-101 | CDB
CONNECTIVITY
Service plug
9-pin D-Sub plug (internal)
1) Supply voltage of the connected scanner + 1 V.
Ambient data
Ambient operating temperature
–35 °C ... +40 °C
Storage temperature
–35 °C ... +70 °C
Permissible relative humidity
≤ 90 %, Non-condensing
Classifications
ECl@ss 5.0
27242208
ECl@ss 5.1.4
27242608
ECl@ss 6.0
27242608
ECl@ss 6.2
27242608
ECl@ss 7.0
27242608
ECl@ss 8.0
27242608
ECl@ss 8.1
27242608
ECl@ss 9.0
27242608
ETIM 5.0
EC001604
ETIM 6.0
EC001604
UNSPSC 16.0901
32151705
Dimensional drawing (Dimensions in mm (inch))
CDB620
1
(0.04)
53.9 (2.12)
8.3
(0.33)
105.7 (4.16)
10.3
(0.41)
124.2 (4.89)
4.5
(0.18)
2017-05-12 06:56:32 | Online data sheet
Subject to change without notice
IDENTIFICATION SOLUTIONS | SICK
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com