Electronic Components Datasheet Search
  English  ▼

X  

STFI15N60M2-EP Datasheet(PDF) 4 Page - STMicroelectronics

Part # STFI15N60M2-EP
Description  Extremely low gate charge
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFI15N60M2-EP Datasheet(HTML) 4 Page - STMicroelectronics

  STFI15N60M2-EP Datasheet HTML 1Page - STMicroelectronics STFI15N60M2-EP Datasheet HTML 2Page - STMicroelectronics STFI15N60M2-EP Datasheet HTML 3Page - STMicroelectronics STFI15N60M2-EP Datasheet HTML 4Page - STMicroelectronics STFI15N60M2-EP Datasheet HTML 5Page - STMicroelectronics STFI15N60M2-EP Datasheet HTML 6Page - STMicroelectronics STFI15N60M2-EP Datasheet HTML 7Page - STMicroelectronics STFI15N60M2-EP Datasheet HTML 8Page - STMicroelectronics STFI15N60M2-EP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Electrical characteristics
STF15N60M2-EP, STFI15N60M2-EP
4/15
DocID027373 Rev 1
2
Electrical characteristics
TC = 25 °C unless otherwise specified
Table 5: On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
VGS = 0 V, ID = 1 mA
600
V
IDSS
Zero gate voltage drain
current
VGS = 0 V, VDS = 600 V
1
µA
VGS = 0 V, VDS = 600 V
TC = 125 °C
100
µA
IGSS
Gate-body leakage current
VDS = 0 V, VGS = ±25 V
±10
µA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
2
3
4
V
RDS(on)
Static drain-source on-
resistance
VGS = 10 V, ID = 5.5 A
0.340
0.378
Ω
Table 6: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS= 100 V,f = 1 MHz,
VGS = 0 V
-
590
-
pF
Coss
Output capacitance
-
30
-
pF
Crss
Reverse transfer
capacitance
-
1.1
-
pF
Coss eq.
(1)
Equivalent output
capacitance
VDS = 0 to 480 V,
VGS = 0 V
-
148
-
pF
RG
Intrinsic gate resistance
f = 1 MHz, ID = 0 A
-
7
-
Ω
Qg
Total gate charge
VDD = 480 V, ID = 11 A,
VGS = 10 V (see Figure
15: "Gate charge test
circuit")
-
17
-
nC
Qgs
Gate-source charge
-
3.1
-
nC
Qgd
Gate-drain charge
-
7.3
-
nC
Notes:
(1)
Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS
increases from 0 to 80% VDSS.
Table 7: Switching energy
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
E(off)
Turn-off energy
(from 90% VGS to 0% ID)
VDD = 400 V, ID = 1.5 A
RG = 4.7 Ω, VGS = 10 V
-
4.7
-
µJ
VDD = 400 V, ID = 3.5 A
RG = 4.7 Ω, VGS = 10 V
-
5.2
-
µJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com