Electronic Components Datasheet Search
  English  ▼

X  

RN1114 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # RN1114
Description  Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN1114 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  RN1114 Datasheet HTML 1Page - Toshiba Semiconductor RN1114 Datasheet HTML 2Page - Toshiba Semiconductor RN1114 Datasheet HTML 3Page - Toshiba Semiconductor RN1114 Datasheet HTML 4Page - Toshiba Semiconductor RN1114 Datasheet HTML 5Page - Toshiba Semiconductor RN1114 Datasheet HTML 6Page - Toshiba Semiconductor RN1114 Datasheet HTML 7Page - Toshiba Semiconductor RN1114 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
RN1114~RN1118
2001-06-07
1
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
RN1114,RN1115,RN1116,RN1117,RN1118
Switching, Inverter Circuit, Interface Circuit
And Driver Circuit Applications
l With built-in bias resistors.
l Simplify circuit design
l Reduce a quantity of parts and manufacturing process
l Complementary to RN2114~2118
Equivalent Circuit and Bias Resistor Values
Maximum Ratings (Ta = 25
°°°°C)
Characteristic
Symbol
Rating
Unit
Collector-base voltage
VCBO
50
V
Collector-emitter voltage
RN1114~1118
VCEO
50
V
RN1114
5
RN1115
6
RN1116
7
RN1117
15
Emitter-base voltage
RN1118
VEBO
25
V
Collector current
Ic
100
mA
Collector power dissipation
Pc
100
mW
Junction temperature
Tj
150
°C
Storage temperature range
RN1114~1118
Tstg
−55~150
°C
JEDEC
―
EIAJ
―
TOSHIBA
2-2H1A
Weight: 2.4mg
Type No.
R1 (kΩ)R2 (kΩ)
RN1114
1
10
RN1115
2.2
10
RN1116
4.7
10
RN1117
10
4.7
RN1118
47
10
Unit: mm


Similar Part No. - RN1114

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN1114 TOSHIBA-RN1114 Datasheet
202Kb / 8P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN1114MFV TOSHIBA-RN1114MFV Datasheet
786Kb / 8P
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process) (Bias Resistor built-in Transistor)
2020-11-17
RN1114 TOSHIBA-RN1114_07 Datasheet
202Kb / 8P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
More results

Similar Description - RN1114

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN2201 TOSHIBA-RN2201 Datasheet
260Kb / 6P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1401 TOSHIBA-RN1401 Datasheet
253Kb / 7P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
07-Jun-2001
RN1410 TOSHIBA-RN1410_07 Datasheet
260Kb / 5P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1210 TOSHIBA-RN1210_07 Datasheet
252Kb / 4P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1112 TOSHIBA-RN1112_07 Datasheet
267Kb / 5P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN47A5 TOSHIBA-RN47A5_07 Datasheet
283Kb / 7P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN47A4 TOSHIBA-RN47A4_07 Datasheet
301Kb / 7P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN47A3 TOSHIBA-RN47A3_07 Datasheet
284Kb / 7P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN1970HFE TOSHIBA-RN1970HFE Datasheet
260Kb / 6P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN4985FE TOSHIBA-RN4985FE Datasheet
260Kb / 6P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com