Electronic Components Datasheet Search
  English  ▼

X  

1026264 Datasheet(PDF) 2 Page - SICK AG

Part # 1026264
Description  CONNECTIVITY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1026264 Datasheet(HTML) 2 Page - SICK AG

  1026264 Datasheet HTML 1Page - SICK AG 1026264 Datasheet HTML 2Page - SICK AG 1026264 Datasheet HTML 3Page - SICK AG 1026264 Datasheet HTML 4Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
CDM490-0103 | CDM
CONNECTIVITY
Illustration may differ
Ordering information
Type
Part no.
CDM490-0103
1026264
Other models and accessories
www.sick.com/CDM
Detailed technical data
Features
Brief description
Kit: modular connection module for one sensor, Host and AUX interface available on face plate,
power supply CMP490, US power cord
Supported products
CLV69x, LMS400
Cloning module support (CMC)
Yes
Supports display module (CMD)
No
Supports power supply module (CMP)
Yes
Supports fieldbus gateway (CMF)
No
Interfaces
Serial
✔, RS-232, RS-422, RS-485
Remark Depending on sensor connected
CAN
Remark Depending on sensor connected
Switching inputs
Depending on sensor connected
Switching outputs
Depending on sensor connected
Optical indicators
11 LED
Configuration software
SOPAS ET
Mechanics/electronics
Power consumption
Power consumption of the sensor + 0.5 W
Housing
Polycarbonat
Housing color
Blue (RAL 5012)
Enclosure rating
IP65 1)
Protection class
III
Weight
870 g
Dimensions (L x W x H)
192 mm x 167 mm x 70 mm
Scanner connection
15-pin D-Sub HD female connector, 15-pin D-Sub HD male connector
Service plug
9-pin D-Sub plug (internal)
1) When using a standard connection cable for scanners by SICK.
2
IDENTIFICATION SOLUTIONS | SICK
Online data sheet | 2017-05-12 06:56:32
Subject to change without notice



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com