Electronic Components Datasheet Search
  English  ▼

X  

P403KW Datasheet(PDF) 1 Page - International Rectifier

Part # P403KW
Description  PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

P403KW Datasheet(HTML) 1 Page - International Rectifier

  P403KW Datasheet HTML 1Page - International Rectifier P403KW Datasheet HTML 2Page - International Rectifier P403KW Datasheet HTML 3Page - International Rectifier P403KW Datasheet HTML 4Page - International Rectifier P403KW Datasheet HTML 5Page - International Rectifier P403KW Datasheet HTML 6Page - International Rectifier P403KW Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
40A
PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
P400 SERIES
1
Bulletin I2776 rev. E 04/99
www.irf.com
I
D
40
A
@ T
C
80
°C
I
FSM
@ 50Hz
385
A
@ 60Hz
400
A
I2t@ 50Hz
745
A2s
@ 60Hz
680
A2s
I2
√t
7450
A2
√s
V
RRM
400 to 1200
V
V
INS
2500
V
T
J
- 40 to 125
°C
Parameters
P400
Units
Major Ratings and Characteristics
Description
The P400 series of Integrated Power Circuits con-
sists of power thyristors and power diodes
configured in a single package. With its isolating
base plate, mechanical designs are greatly simpli-
fied giving advantages of cost reduction and
reduced size.
Applications include power supplies, control cir-
cuits and battery chargers.
Features
Glass passivated junctions for greater reliability
Electrically isolated base plate
Available up to 1200 VRRM, VDRM
High dynamic characteristics
Wide choice of circuit configurations
Simplified mechanical design and assembly
UL E78996 approved


Similar Part No. - P403KW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P403 VISHAY-P403 Datasheet
122Kb / 6P
Passivated Assembled Circuit Elements, 40 A
05-Nov-09
logo
NEC
P403 NEC-P403 Datasheet
833Kb / 2P
NEC LCD 40 Large Format Display
logo
Coilcraft lnc.
P403 COILCRAFT-P403 Datasheet
100Kb / 1P
Designer’s Kits
logo
NEC
P403-MT NEC-P403-MT Datasheet
607Kb / 2P
NEC LCD 40 Large Format Touch Screen
logo
Astrosyn International ...
P403A ASTROSYN-P403A Datasheet
136Kb / 1P
Model P403A Stepper Motor Driver
More results

Similar Description - P403KW

ManufacturerPart #DatasheetDescription
logo
International Rectifier
P100 IRF-P100 Datasheet
82Kb / 7P
PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
P101KW IRF-P101KW Datasheet
82Kb / 7P
PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
logo
Vishay Siliconix
P100 VISHAY-P100 Datasheet
179Kb / 6P
Passivated Assembled Circuit Elements, 25 A
04-Nov-09
P400 VISHAY-P400 Datasheet
122Kb / 6P
Passivated Assembled Circuit Elements, 40 A
05-Nov-09
logo
International Rectifier
VS-P105W IRF-VS-P105W Datasheet
86Kb / 7P
PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
logo
Vishay Siliconix
VS-P101 VISHAY-VS-P101 Datasheet
199Kb / 9P
Power Modules, Passivated Assembled Circuit Elements
27-Mar-14
VS-P401 VISHAY-VS-P401 Datasheet
143Kb / 9P
Power Modules, Passivated Assembled Circuit Elements
27-Mar-14
logo
Nell Semiconductor Co.,...
NP500 NELLSEMI-NP500 Datasheet
747Kb / 7P
Power Modules Passivated Assembled Circuit Elements
logo
Vishay Siliconix
VS-P400 VISHAY-VS-P400_V01 Datasheet
136Kb / 8P
Power Modules, Passivated Assembled Circuit Elements, 40 A
27-Jul-2018
VS-P100 VISHAY-VS-P100_V02 Datasheet
191Kb / 8P
Power Modules, Passivated Assembled Circuit Elements, 25 A
27-Jul-2018
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com