Electronic Components Datasheet Search
  English  ▼

X  

6054541 Datasheet(PDF) 4 Page - SICK AG

Part # 6054541
Description  HAND-HELD SCANNERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6054541 Datasheet(HTML) 4 Page - SICK AG

  6054541 Datasheet HTML 1Page - SICK AG 6054541 Datasheet HTML 2Page - SICK AG 6054541 Datasheet HTML 3Page - SICK AG 6054541 Datasheet HTML 4Page - SICK AG 6054541 Datasheet HTML 5Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
IDM140-310S | IDM14x
HAND-HELD SCANNERS
Reading field diagram
IDM14x-3xxS Standard Range IDM16x-3xxS Standard Range
0
200
(7.87)
600
(23.62)
400
(11.81)
800
(23.62)
UPC | EAN: 0.33 (13.0 mil)
Code 39: 0.5 (19.7 mil)
Code resolution in mm (mil)
Reading distance in mm (inch)
Recommended accessories
Other models and accessories
www.sick.com/IDM14x
Brief description
Type
Part no.
Other mounting accessories
Tripod mount
Stand mount
6036724
Desk holder
Table mount
6036723
Power supply units and power supply cables
Power supply, input AC 100 ... 240 V, output DC 5 V/2 A (necessary when using RS-232
TTL cable, does not fulfill medical standard EN 60601/ IEC 60601))
Power supply unit
6036722
Plug connectors and cables
Head A: male connector, USB-A
Head B: male connector, RJ45
Cable: USB, unshielded, 1.8 m
For keyboard wedge or USB Com Port Emulation
Connection cable
6036728
4
IDENTIFICATION SOLUTIONS | SICK
Online data sheet | 2017-05-12 06:56:32
Subject to change without notice



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com