Electronic Components Datasheet Search
  English  ▼

X  

6054544 Datasheet(PDF) 2 Page - SICK AG

Part # 6054544
Description  HAND-HELD SCANNERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6054544 Datasheet(HTML) 2 Page - SICK AG

  6054544 Datasheet HTML 1Page - SICK AG 6054544 Datasheet HTML 2Page - SICK AG 6054544 Datasheet HTML 3Page - SICK AG 6054544 Datasheet HTML 4Page - SICK AG 6054544 Datasheet HTML 5Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
IDM160-300S | IDM16x
HAND-HELD SCANNERS
Ordering information
Type
Part no.
IDM160-300S
6054544
Other models and accessories
www.sick.com/IDM16x
Detailed technical data
Features
Version
Standard Range
Field of application
Industrial
Scanner design
1D code hand-held scanner
Light source
Visible red light (630 nm)
Scanning frequency
≤ 500 Hz
Code resolution
≥ 0.076 mm
Reading distance
20 mm ... 850 mm 1)
1) For details see reading field diagram.
Performance
Readable code structures
1D
Bar code types
Codabar, Code 39, Code 32, UPC-A, UPC-E, Standard and Industrial 2 of 5, Interleaved & Ma-
trix 2 of 5, Code 128, UCC/EAN-128, Code 11, Code 93, German ITF Postal Code, Mainland
China Postal Code, Telepen, MSI/Plessey, UK/Plessey, Limited/Expanded GS1 DataBar, Code
39 Trioptic, IATA, UPC / EAN / JAN (with addition)
Interfaces
Ethernet
✔, TCP/IP
Type of fieldbus integration Optional, over external connection module CDM + CMF
PROFINET
✔
Function PROFINET Dual Port (optional via external connection module CDF600-2)
EtherCAT®
✔
Type of fieldbus integration Optional over external fieldbus module CDF600
Serial
✔, RS-232 TTL
PROFIBUS DP
✔
Type of fieldbus integration Optional over external fieldbus module CDF600-2
DeviceNet™
✔
Type of fieldbus integration Optional, over external connection module CDM + CMF
USB
✔
2
IDENTIFICATION SOLUTIONS | SICK
Online data sheet | 2017-05-12 06:56:32
Subject to change without notice



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com