Electronic Components Datasheet Search
  English  ▼

X  

STP110N10F7 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STP110N10F7
Description  N-channel 100 V, 5.1 mΩ typ., 110 A, STripFET™VII DeepGATE™ Power MOSFETs in TO-220FP and TO-220 packages
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP110N10F7 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STP110N10F7 Datasheet HTML 3Page - STMicroelectronics STP110N10F7 Datasheet HTML 4Page - STMicroelectronics STP110N10F7 Datasheet HTML 5Page - STMicroelectronics STP110N10F7 Datasheet HTML 6Page - STMicroelectronics STP110N10F7 Datasheet HTML 7Page - STMicroelectronics STP110N10F7 Datasheet HTML 8Page - STMicroelectronics STP110N10F7 Datasheet HTML 9Page - STMicroelectronics STP110N10F7 Datasheet HTML 10Page - STMicroelectronics STP110N10F7 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DocID024058 Rev 2
7/16
STF110N10F7, STP110N10F7
Electrical characteristics
Figure 8. Gate charge vs gate-source voltage
Figure 9. Static drain-source on-resistance for
TO-220FP
VGS
6
4
2
0
0
Qg(nC)
(V)
40
8
20
10
VDD=50V
ID=110A
12
60
80
AM15950v1
RDS(on)
5.10
5.05
5.00
4.95
5
15
ID(A)
(m
Ω)
25
35
5.15
5.20
VGS=10V
5.25
AM15959v1
Figure 10. Static drain-source on-resistance for
TO-220
Figure 11. Capacitance variations
Figure 12. Normalized gate threshold voltage vs
temperature
Figure 13. Normalized on-resistance vs
temperature
RDS(on)
5.2
5.1
5.0
4.9
0
20
ID(A)
(m
Ω)
40
60
5.3
VGS=10V
80
100
AM15960v1
C
3000
2000
1000
0
0
20
VDS(V)
(pF)
10
4000
30
Ciss
Coss
Crss
40 50 60 70
80
5000
6000
AM15952v1
VGS(th)
0.7
0.6
0.5
0.4
-75
0
TJ(°C)
(norm)
-50
0.8
75
25 50
ID=250µA
-25
125 150
0.9
1
1.1
1.2
100
AM015953v1
RDS(on)
1.6
1.4
0.8
0.4
TJ(°C)
(norm)
0.6
1.2
1
1.8
ID=55A
-75
0
-50
75
25 50
-25
125 150
2
100
AM15954v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com