Electronic Components Datasheet Search
  English  ▼

X  

INA170 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # INA170
Description  High-Side, Bidirectional CURRENT SHUNT MONITOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA170 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA170 Datasheet HTML 2Page - Texas Instruments INA170 Datasheet HTML 3Page - Texas Instruments INA170 Datasheet HTML 4Page - Texas Instruments INA170 Datasheet HTML 5Page - Texas Instruments INA170 Datasheet HTML 6Page - Texas Instruments INA170 Datasheet HTML 7Page - Texas Instruments INA170 Datasheet HTML 8Page - Texas Instruments INA170 Datasheet HTML 9Page - Texas Instruments INA170 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
INA170
6
SBOS193D
www.ti.com
OPERATION
Figure 1 shows the basic circuit diagram for the INA170.
Load current IS is drawn from supply VS through shunt
resistor RS. The voltage drop in shunt resistor VS is forced
across RG1 by the internal op-amp, causing current to flow
into the collector of Q1. External resistor RL converts the
output current to a voltage, VOUT, at the OUT pin.
Without offset, the transfer function for the INA170 is:
IO = gm (VIN
+ – V
IN
– )(1)
where gm = 1000µA/V
(2)
In the circuit of Figure 1, the input voltage, (VIN
+ – V
IN
– ), is
equal to IS • RS and the output voltage, VOUT, is equal to
IO • RL. The transconductance, gm, of the INA170 is
1000
µA/V. The complete transfer function for the current
measurement amplifier in this application is:
VOUT = (IS) (RS) (1000µA/V) (RL)(3)
Applying a positive reference voltage to pin 3 causes a
current to flow through ROS, forcing output current IO to be
offset from zero. The transfer function then becomes:
V
VR
R
IRR
k
OUT
REF
L
OS
SS
L
=


± 
•
••
1
Ω
(4)
The maximum differential input voltage for accurate mea-
surements is 0.5V, which produces a 500
µA output current.
A differential input voltage of up to 2V will not cause
damage. Differential measurements (pins 1 and 2) can be
bipolar with a more-positive voltage applied to pin 2. If a
more-negative voltage is applied to pin 1, output current IO
will decrease towards zero.
BASIC CONNECTION
Figure 1 shows the basic connection of the INA170. The
input pins, VIN
+ and V
IN
– , should be connected as closely as
possible to the shunt resistor to minimize any resistance in
series with the shunt resistance. The output resistor, RL, is
shown connected between pin 6 and ground. Best accuracy
is achieved with the output voltage measured directly across
RL. This is especially important in high-current systems
where load current could flow in the ground connections,
affecting the measurement accuracy.
No power-supply bypass capacitors are required for stability
of the INA170. However, applications with noisy or high
impedance power supplies may require de-coupling capaci-
tors to reject power-supply noise. Connect bypass capacitors
close to the device pins.
POWER SUPPLIES
The input circuitry of the INA170 can accurately measure
beyond its power-supply voltage, V+. For example, the V+
power supply can be 5V, while the load power-supply
voltage (INA170 input voltage) is up to +60V. However, the
output-voltage range of the OUT terminal (pin 6) is limited
by the supply.
SELECTING RS AND RL
The value chosen for the shunt resistor, RS, depends on the
application and is a compromise between small-signal accu-
racy and maximum permissible voltage loss in the measure-
ment line. High values of RS provide better accuracy at lower
FIGURE 1. Basic Circuit Connections.
Shunt
R
S
INA170
4
6
OUT
Q1
R
L
I
0
+
V
O
–
Load
R
G1
1k
Ω
R
G2
1k
Ω
V
IN
V
IN
2
1
I
S
V+
V
REF
3
8
5
V+ power can be
common or
independent of
load supply.
2.7
≤ (V+) ≤ 40V
V
P
Load Power Supply
+2.7 to 60V
+
–
Q2
R
OS
VOLTAGE GAIN
EXACT RL (Ω)
NEAREST 1% RL (Ω)
11k
1k
22k
2k
5
5k
4.99k
10
10k
10k
20
20k
20k
50
50k
49k
100
100k
100k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com