Electronic Components Datasheet Search
  English  ▼

X  

2SC945 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # 2SC945
Description  Silicon Epitaxial Planar Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

2SC945 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  2SC945 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 2SC945 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited 2SC945 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited 2SC945 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Production specification
Silicon Epitaxial Planar Transistor
2SC945
C017
www.gmicroelec.com
Rev.A
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=0.1mA,IE=0
60
V
Collector-emitter breakdown voltage V(BR)CEO
IC=1mA,IB=0
50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=0.1mA,IC=0
5
V
Collector cut-off current
ICBO
VCB=60V,IE=0
0.1
μA
Collector cut-off current
ICEO
VCE=50V,IB=0
0.1
μA
Emitter cut-off current
IEBO
VEB=5V,IC=0
0.1
μA
DC current gain
hFE
VCE=6V,IC=1mA
VCE=6V,IC=0.1mA
130
40
400
Collector-emitter saturation voltage
VCE(sat)
IC=100mA, IB=10mA
0.15
0.3
V
Base-emitter saturation voltage
VBE(sat)
IC=100mA, IB=10mA
0.86
1
V
Base to Emitter Voltage
VBE
VCE=6V, IC=1.0mA
0.55
0.62
0.65
V
Transition frequency
fT
VCE=6V, IC=10mA
f=30MHz
150
MHz
Collector output capacitance
Cob
VCB=10V,IE=0,f=1MHz
3.0
4.0
pF
Noise figure
NF
VCE=6V, IC=0.1mA
f=1kMHz,Rg=10kΩ
4
10
dB
CLASSIFICATION OF hFE(1)
Rank
L
H
Range
130-200
200-400



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com