Electronic Components Datasheet Search
  English  ▼

X  

RT9184 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9184
Description  500 MA DUAL LDO REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9184 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9184 Datasheet HTML 1Page - Richtek Technology Corporation RT9184 Datasheet HTML 2Page - Richtek Technology Corporation RT9184 Datasheet HTML 3Page - Richtek Technology Corporation RT9184 Datasheet HTML 4Page - Richtek Technology Corporation RT9184 Datasheet HTML 5Page - Richtek Technology Corporation RT9184 Datasheet HTML 6Page - Richtek Technology Corporation RT9184 Datasheet HTML 7Page - Richtek Technology Corporation RT9184 Datasheet HTML 8Page - Richtek Technology Corporation RT9184 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
RT9184
Preliminary
www.richtek-ic.com.tw
DS9184-00 March 2002
4
Typical Operating Characteristics
ILOAD = 100mA, VIN = 5V, COUT = 10
µF, and CIN = 10µF, unless otherwise noted.
Output Voltage Accuracy vs. Temp.
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
-40
-15
10
35
60
85
Temperature ( C)
°
Quiescent Current vs. Temp.
100
120
140
160
180
200
-40
-15
10
35
60
85
Temperature ( C)
°
PSRR vs. Frequency
0
10
20
30
40
50
60
70
Frequency (Hz)
ILOAD = 1mA
10
100
1K
10K
100K
1M
Channel-to-Channel Isolation
vs. Frequency
0
20
40
60
80
100
120
Frequency (Hz)
RLOAD = 100Ω
100
1K
10K
100K
1M
T
T
T
1 >
1 >
1 >
1 >
2↓
2↓
2↓
2↓
≈
≈
4.5
3.5
Line Transient Response
50
µS/Div
Time
Load Transient Response
(ILOAD = 10 to 500mA)
Time
T
T
T
T
1 >
1 >
1 >
1 >
3 >
3 >
3 >
3 >
1) Ch 1:
1 Volt 250 us
3) Ref B:
50 mVolt 250 us
ILOAD
VOUT
COUT = 100
µF
500mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com