Electronic Components Datasheet Search
  English  ▼

X  

RT9641A Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9641A
Description  TRIPLE LINEAR REGULATOR CONTROLLER SUPPORT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9641A Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9641A Datasheet HTML 1Page - Richtek Technology Corporation RT9641A Datasheet HTML 2Page - Richtek Technology Corporation RT9641A Datasheet HTML 3Page - Richtek Technology Corporation RT9641A Datasheet HTML 4Page - Richtek Technology Corporation RT9641A Datasheet HTML 5Page - Richtek Technology Corporation RT9641A Datasheet HTML 6Page - Richtek Technology Corporation RT9641A Datasheet HTML 7Page - Richtek Technology Corporation RT9641A Datasheet HTML 8Page - Richtek Technology Corporation RT9641A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
RT9641A/B
www.richtek-ic.com.tw
DS9641A/B-03 March 2002
4
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
2.5V/3.3V (2.6V/3.43V) Linear Regulator (VOUT2)
Regulation
--
--
2.0
%
VSEN2 Nominal Voltage Level
VVSEN
RSEL = 1K
Ω
--
2.5/2.
--
V
VSEN2 Nominal Voltage Level
VVSEN2 RSEL = 1K
Ω
--
3.3/3.
--
V
VSEN2 Under-voltage Falling Threshold
--
68
--
%
VSEN2 Under-voltage Hysteresis
--
7
--
%
VSEN2 Output Current
IVSEN2
5VSB = 5V
200
300
--
mA
DRV2 Output Drive Current
IDRV2
5VSB = 5V, RSEL = 1K
Ω
20
30
--
mA
DRV2 Output Impedance
RSEL = 10K
Ω
--
200
--
Ω
3.3V Dual Linear Regulator (VOUT1)
Sleep-mode Regulation
--
--
2.0
%
3V3DL Nominal Voltage Level
V3V3DL
--
3.3
--
V
3V3DL Under-voltage Falling Threshold
--
2.24
--
V
3V3DL Under-voltage Hysteresis
--
230
--
mV
3V3DLSB Output Drive Current
I3V3DLS 5VSB = 5V
5.0
10
--
mA
DLA Output Impedance
--
90
--
Ω
5V Dual Switch Controller (VOUT3)
5VDL Under-voltage Falling Threshold
--
3.40
--
V
5VDL Under-voltage Hysteresis
--
350
--
mV
5VDLSB Output Drive Current
I5VDLSB 5VDLSB = 4V
-40
--
--
mA
Timing Intervals
Active to Sleep, Input to Switching Delay
Td1
--
10
--
µS
Sleep to Active, Input to Switching Delay
Td2
CSS = 0.1
µF
(1)
--
50
(1)
--
mS
Control I/O (S3, S5, EN3VDL, EN5VDL, FAULT)
High Level Threshold
2.0
--
--
V
Low Level Threshold
--
--
0.8
V
S3, S5 Internal Pull-up Impedance to 5VSB
--
50
--
K
Ω
FAULT Output Impedance
FAULT = high
--
100
--
Ω
Temperature Monitor
Fault-level Threshold
--
145
--
°C
Shutdown-level Threshold
TDS
--
155
--
°C
Note: (1) = 50mS with 0.1
µF Soft-start capacitor. The delay time is adjustable with td2 = 500xCSS (mS).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com