Electronic Components Datasheet Search
  English  ▼

X  

M1401 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # M1401
Description  SMT FLYBACK TRANSFORMER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

M1401 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  M1401 Datasheet HTML 1Page - Pulse A Technitrol Company M1401 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMT
SMT
SMT
SMT FLYBACK
FLYBACK
FLYBACK
FLYBACK TRANSFORMER
TRANSFORMER
TRANSFORMER
TRANSFORMER
Automotive
Pulse Electronics GmbH. Am Rottland 12 58540 Meinerzhagen (Germany)
Page 2
Mechanical Outlines
Packing Information
-
Type: Tape & Reel
-
Quantities per reel: 100PCs
-
Reels per box: 3PCs
-
Unit Weight: 12.5g



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com