Electronic Components Datasheet Search
  English  ▼

X  

RT9641AC32 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9641AC32
Description  TRIPLE LINEAR REGULATOR CONTROLLER SUPPORT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9641AC32 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9641AC32 Datasheet HTML 3Page - Richtek Technology Corporation RT9641AC32 Datasheet HTML 4Page - Richtek Technology Corporation RT9641AC32 Datasheet HTML 5Page - Richtek Technology Corporation RT9641AC32 Datasheet HTML 6Page - Richtek Technology Corporation RT9641AC32 Datasheet HTML 7Page - Richtek Technology Corporation RT9641AC32 Datasheet HTML 8Page - Richtek Technology Corporation RT9641AC32 Datasheet HTML 9Page - Richtek Technology Corporation RT9641AC32 Datasheet HTML 10Page - Richtek Technology Corporation RT9641AC32 Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
RT9641A/B
DS9641A/B-03 March 2002
www.richtek-ic.com.tw
7
12V (Pin 14)
Connect this pin to the ATX (or equivalent) 12V
output. This pin is used to monitor the status of the
power supply as well as provide bias for the NMOS-
compatible output drivers. 12V presence at the chip
in the absence of bias voltage, or severe 12V
brownout during active states (S0, S1) operation can
lead to chip misbehavior. RT9641A/B refuses
entering active state before 12V power ready.
DRV2 (Pin 15)
For the 2.5V RDRAM systems, connect this pin to the
base of a suitable NPN transistor. This pass
transistor regulates the 2.5V(2.6V) output from the
ATX 3.3V during active states operation. For 3.3V
SDRAM systems connect this pin to the gate of a
suitable N-MOS transistor or the base of a suitable
NPN transistor.
VSEN2 (Pin 16)
Connect this pin to the memory output (VOUT2). In
sleep states, this pin is regulated to 2.5V(2.6V) or
3.3V(3.43V) (based on RSEL) through an internal
pass
transistor
capable
of
delivering
300mA
(Typically). The active-state voltage at this pin is
regulated through an external NPN or NMOS
transistor connected at the DRV2 pin for both
2.5V(2.6V) and 3.3V(3.43V) setting. During all
operating states, the voltage at this pin is monitored
for under-voltage events.
Description
Operation
The RT9641A/B controls 3 output voltages. It is
designed for microprocessor computer applications
with 3.3V, 5V, 5VSB, and 12V outputs from an ATX
power supply. The IC is composed of two linear
controllers supplying the PCI slots' 3.3VAUX power
(3.3VDUAL, VOUT1) and the 2.5V RDRAM or 3.3V
SDRAM memory power (2.5V/3.3V(2.6V/3.43V) VMEM,
VOUT2), and a dual switch controller supplying the
5VDUAL voltage (VOUT3). In addition, all the control and
monitoring functions necessary for complete ACPI
implementation are integrated into the RT9641A/B.
Initialization
The RT9641A/B automatically initializes upon receipt
of input power. The Power-On Reset (POR) function
continually monitors the 5VSB input supply voltage,
initiating soft-start operation after it exceeds its POR
threshold (in S4/S5 states). The 5VSB POR trip event
is also used to lock in the memory voltage setting
based on RSEL.
The RT9641A/B forces the operation mode to start
from S4/S5 states at POR releasing.
Operational Truth Tables
The EN3VDL and EN5VDL pins offer a host of choices
in terms of the overall system architecture and
supported features. Tables 1~3 describe the truth
combinations pertaining to each of the three outputs.
Table 1. 3.3VDUAL Output (VOUT1) Truth Table
EN3VDL S5 S3 3V3D
Comments
0
1
1
3.3V
S0, S1 States (Active)
01
0
3.3V
S3
0
0
1
Note
Maintains Previous State
00
0
3.3V
S4/S5
1
1
1
3.3V
S0, S1 States (Active)
11
0
3.3V
S3
1
0
1
Note
Maintains Previous State
10
0
0V
S4/S5
Note: Combination not allowed.
As seen in Table 1, EN3VDL simply controls whether
the 3.3VDUAL plane remains powered up during S4/S5
sleep state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com