Electronic Components Datasheet Search
  English  ▼

X  

CSD87313DMS Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CSD87313DMS
Description  30-V Dual N-Channel NexFET Power MOSFETs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD87313DMS Datasheet(HTML) 3 Page - Texas Instruments

  CSD87313DMS Datasheet HTML 1Page - Texas Instruments CSD87313DMS Datasheet HTML 2Page - Texas Instruments CSD87313DMS Datasheet HTML 3Page - Texas Instruments CSD87313DMS Datasheet HTML 4Page - Texas Instruments CSD87313DMS Datasheet HTML 5Page - Texas Instruments CSD87313DMS Datasheet HTML 6Page - Texas Instruments CSD87313DMS Datasheet HTML 7Page - Texas Instruments CSD87313DMS Datasheet HTML 8Page - Texas Instruments CSD87313DMS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
GATE
Source
DRAIN
M0161-01
GATE
Source
DRAIN
M0161-02
3
CSD87313DMS
www.ti.com
SLPS642 – APRIL 2017
Product Folder Links: CSD87313DMS
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Dynamic characteristic measurements are for a single FET.
(2)
Typical RθJA = 125°C/W on a minimum 2-oz Cu pad.
5
Specifications
5.1 Electrical Characteristics
TA = 25°C (unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
IS1S2
Source1-to-Source2 leakage current
VG1S1 = 0 V, VG2S2 = 0 V, VS1S2 = 24 V
1
μA
IGSS
Gate-to-source leakage current
VS1S2 = 0 V, VGS = 10 V
100
nA
VGS(th)
Gate-to-source threshold voltage
VS1S2 = VGS, IS1S2 = 250 μA
0.6
0.9
1.2
V
RS1S2(on)
Source1-to-Source2 on resistance
VGS = 2.5 V, IS1S2 = 20 A
6.7
9.6
m
Ω
VGS = 4.5 V, IS1S2 = 23 A
4.6
5.5
gfs
Transconductance
VS1S2 = 3 V, IS1S2 = 23 A
149
S
DYNAMIC CHARACTERISTICS(1)
CISS
Input capacitance
VGS = 0 V, VS1S2 = 15 V, ƒ = 1 MHz
3300
4290
pF
COSS
Output capacitance
281
365
pF
CRSS
Reverse transfer capacitance
154
200
pF
Qg
Gate charge total (4.5 V)
VS1S2 = 15 V, IS1S2 = 23 A
VG1S1 = 4.5 V, VG2S2 = 0 V
28
nC
Qgd
Gate charge gate-to-drain
6.0
nC
Qgs
Gate charge gate-to-source
6.3
nC
Qg(th)
Gate charge at Vth
3.2
nC
td(on)
Turnon delay time
VS1S2 = 15 V, IS1S2 = 23 A
VGS = 4.5 V, RGEN = 0 Ω
9
ns
tr
Rise time
27
ns
td(off)
Turnoff delay time
41
ns
tf
Fall time
13
ns
DIODE CHARACTERISTICS
Ifss
Maximum continuous Source1-to-Source2
diode forward current(2)
VG1S1 = 0 V, VG2S2 = 4.5 V
2
A
Vfss
Source1-to-Source2 diode forward voltage VG1S1 = 0 V, VG2S2 = 4.5 V, Ifss = 23 A
0.8
1.0
V
(1)
Device mounted on minimum 2-oz (0.071-mm) thick Cu.
(2)
Device mounted on FR4 material with 1-in2 (6.45-cm2), 2-oz (0.071-mm) thick Cu.
5.2 Thermal Information
TA = 25°C (unless otherwise stated)
THERMAL METRIC
UNIT
RθJA
Junction-to-case thermal resistance(1)
125
°C/W
RθJA
Junction-to-ambient thermal resistance(1)(2)
45
°C/W
RθJA = 45°C/W when
mounted on 1 in2 (6.45
cm2) of
2-oz (0.071-mm) thick
Cu.
RθJA = 125°C/W when
mounted on a
minimum pad area of
2-oz (0.071-mm) thick
Cu.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com