Electronic Components Datasheet Search
  English  ▼

X  

ISO1540D Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1540D
Description  Low-Power Bidirectional I2C Isolators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO1540D Datasheet(HTML) 21 Page - Texas Instruments

Back Button ISO1540D Datasheet HTML 17Page - Texas Instruments ISO1540D Datasheet HTML 18Page - Texas Instruments ISO1540D Datasheet HTML 19Page - Texas Instruments ISO1540D Datasheet HTML 20Page - Texas Instruments ISO1540D Datasheet HTML 21Page - Texas Instruments ISO1540D Datasheet HTML 22Page - Texas Instruments ISO1540D Datasheet HTML 23Page - Texas Instruments ISO1540D Datasheet HTML 24Page - Texas Instruments ISO1540D Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
SDA
SCL
VDD
RPU
RPU
RPU
RPU
RPU
RPU
RPU
RPU
C
Master
C
Slave
GND
GND
GND
SDA
SCL
GND
SDA
SCL
SDA
SCL
SDA
SCL
DAC
Slave
ADC
Slave
21
ISO1540, ISO1541
www.ti.com
SLLSEB6D – JULY 2012 – REVISED DECEMBER 2016
Product Folder Links: ISO1540 ISO1541
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
9.1.1 I2C Bus Overview
The inter-integrated circuit (I2C) bus is a single-ended, multi-master, 2-wire bus for efficient inter-IC
communication in half-duplex mode.
I2C uses open-drain technology, requiring two lines, serial data (SDA) and serial clock (SCL), to be connected to
VDD by resistors (see Figure 27). Pulling the line to ground is considered a logic zero while letting the line float is
a logic one. This logic is used as a channel access method. Transitions of logic states must occur while the SCL
pin is low. Transitions while the SCL pin is high indicate START and STOP conditions. Typical supply voltages
are 3.3 V and 5 V, although systems with higher or lower voltages are allowed.
Figure 27. I2C Bus
I2C communication uses a 7-bit address space with 16 reserved addresses, so a theoretical maximum of 112
nodes can communicate on the same bus. In praxis, however, the number of nodes is limited by the specified,
total bus capacitance of 400 pF, which restricts communication distances to a few meters.
The specified signaling rates for the ISO1540 and ISO1541 devices are 100 kbps (standard mode), 400 kbps
(fast mode), 1 Mbps (fast mode plus).
The bus has two roles for nodes: master and slave. A master node issues the clock and slave addresses, and
also initiates and ends data transactions. A slave node receives the clock and addresses and responds to
requests from the master. Figure 28 shows a typical data transfer between master and slave.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com