Electronic Components Datasheet Search
  English  ▼

X  

LM5576MH Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM5576MH
Description  SIMPLE SWITCHER 75 V, 3 A Step-Down Switching Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5576MH Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5576MH Datasheet HTML 9Page - Texas Instruments LM5576MH Datasheet HTML 10Page - Texas Instruments LM5576MH Datasheet HTML 11Page - Texas Instruments LM5576MH Datasheet HTML 12Page - Texas Instruments LM5576MH Datasheet HTML 13Page - Texas Instruments LM5576MH Datasheet HTML 14Page - Texas Instruments LM5576MH Datasheet HTML 15Page - Texas Instruments LM5576MH Datasheet HTML 16Page - Texas Instruments LM5576MH Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
RAMP
(
)
(
)
ON
IN
OUT
RAMP
t
5
V
V
25
C
m ´
-
-
m ´
tON
Sample and Hold DC Level
0.5V/A
13
LM5576, LM5576-Q1
www.ti.com
SNVS447J – JANUARY 2007 – REVISED NOVEMBER 2014
Product Folder Links: LM5576 LM5576-Q1
Submit Documentation Feedback
Copyright © 2007–2014, Texas Instruments Incorporated
Device Functional Modes (continued)
7.4.4 Ramp Generator
The ramp signal used in the pulse width modulator for current mode control is typically derived directly from the
buck switch current. This switch current corresponds to the positive slope portion of the output inductor current.
Using this signal for the PWM ramp simplifies the control loop transfer function to a single pole response and
provides inherent input voltage feed-forward compensation. The disadvantage of using the buck switch current
signal for PWM control is the large leading edge spike due to circuit parasitics that must be filtered or blanked.
Also, the current measurement may introduce significant propagation delays. The filtering, blanking time and
propagation delay limit the minimum achievable pulsewidth. In applications where the input voltage may be
relatively large in comparison to the output voltage, controlling small pulsewidths and duty cycles is necessary for
regulation. The LM5576 utilizes a unique ramp generator, which does not actually measure the buck switch
current but rather reconstructs the signal. Reconstructing or emulating the inductor current provides a ramp
signal to the PWM comparator that is free of leading edge spikes and measurement or filtering delays. The
current reconstruction is comprised of two elements; a sample & hold DC level and an emulated current ramp.
Figure 14. Composition of Current Sense Signal
The sample & hold DC level illustrated in Figure 14 is derived from a measurement of the re-circulating Schottky
diode anode current. The re-circulating diode anode should be connected to the IS pin. The diode current flows
through an internal current sense resistor between the IS and PGND pins. The voltage level across the sense
resistor is sampled and held just prior to the onset of the next conduction interval of the buck switch. The diode
current sensing and sample & hold provide the DC level of the reconstructed current signal. The positive slope
inductor current ramp is emulated by an external capacitor connected from the RAMP pin to AGND and an
internal voltage controlled current source. The ramp current source that emulates the inductor current is a
function of the VIN and VOUT voltages per Equation 2:
IRAMP = (5 µ x (VIN – VOUT)) + 25 µA
(2)
Proper selection of the RAMP capacitor depends upon the selected value of the output inductor. The value of
CRAMP can be selected from:
CRAMP = L x 10
-5
where
•
L is the value of the output inductor in Henrys
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com