Electronic Components Datasheet Search
  English  ▼

X  

AP3106 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP3106
Description  HIGH VOLTAGE GREEN MODE PWM CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3106 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP3106 Datasheet HTML 1Page - Diodes Incorporated AP3106 Datasheet HTML 2Page - Diodes Incorporated AP3106 Datasheet HTML 3Page - Diodes Incorporated AP3106 Datasheet HTML 4Page - Diodes Incorporated AP3106 Datasheet HTML 5Page - Diodes Incorporated AP3106 Datasheet HTML 6Page - Diodes Incorporated AP3106 Datasheet HTML 7Page - Diodes Incorporated AP3106 Datasheet HTML 8Page - Diodes Incorporated AP3106 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AP3106
Document number: DS37450 Rev. 2 - 3
3 of 10
www.diodes.com
February 2015
© Diodes Incorporated
AP3106
A Product Line of
Diodes Incorporated
NOT RECOMMENDED FOR NEW DESIGN
USE AP3125 Series
Functional Block Diagram
Soft
Driver
18V
QB
D
CLK
RB
DFF
OSC with
Frequency Dithering
2R2
OCP
0.85V
Burst
Mode
PWM
OLP
OLP
OLP
OTP
VCC OVP
28V
VCC OVP
OVP
UVLO
UVLO
16V
Internal Bias
0.3V
PG
25ms
Filter
4ms
Soft Start
OTP
140℃
&VREF
FOCP
FB
UVLO
Relative Blocks
35V
Protection
O/S
35ms Timer
OLP
SCP
8.6V
R2
1.1V
VCC
6
FB
2
GND
4
SENSE
3
GATE
5
RI
1
HV
7
250ns LEB
R3
R1
VCC
Line Sense
Line Sense
Line Sense



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com