Electronic Components Datasheet Search
  English  ▼

X  

PD84006-E Datasheet(PDF) 1 Page - STMicroelectronics

Part # PD84006-E
Description  Excellent thermal stability
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD84006-E Datasheet(HTML) 1 Page - STMicroelectronics

  PD84006-E Datasheet HTML 1Page - STMicroelectronics PD84006-E Datasheet HTML 2Page - STMicroelectronics PD84006-E Datasheet HTML 3Page - STMicroelectronics PD84006-E Datasheet HTML 4Page - STMicroelectronics PD84006-E Datasheet HTML 5Page - STMicroelectronics PD84006-E Datasheet HTML 6Page - STMicroelectronics PD84006-E Datasheet HTML 7Page - STMicroelectronics PD84006-E Datasheet HTML 8Page - STMicroelectronics PD84006-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
This is information on a product in full production.
May 2012
Doc ID 16087 Rev 2
1/11
11
PD84006-E
RF power transistor, LdmoST plastic family
N-channel enhancement-mode lateral MOSFETs
Datasheet
−production data
Features
■ Excellent thermal stability
■ Common source configuration
■ Broadband performances: POUT = 6 W with 13
dB gain @ 870 MHz
■ Plastic package
■ ESD protection
■ In compliance with the 2002/95/EC European
directive
Description
The PD84006-E is a common source N-channel,
enhancement-mode lateral field-effect RF power
transistor. It is designed for high gain, broadband
commercial and industrial applications. It
operates at 7 V in common source mode at
frequencies of up to 1 GHz boasts the excellent
gain, linearity and reliability of ST’s latest LDMOS
technology mounted in the first true SMD plastic
RF power package, PowerSO-10RF ’s superior
linearity performance makes it an ideal solution
for portable radio and UHF RFID reader. The
PowerSO-10 plastic package, designed to offer
high reliability, is the first ST JEDEC approved,
high power SMD package. It has been specially
optimized for RF needs and offers excellent RF
performances and ease of assembly.
Figure 1.
Pin connections
PowerSO-10RF
(formed lead)
Gate
Source
Drain
Table 1.
Device summary
Order code
Package
Packaging
PD84006-E
PowerSO-10RF (formed lead)
Tube
www.st.com


Similar Part No. - PD84006-E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PD84006L ETC1-PD84006L Datasheet
288Kb / 5P
HF to 2000 MHz Class AB Common Source - PowerSO-10RF
logo
STMicroelectronics
PD84006L-E STMICROELECTRONICS-PD84006L-E Datasheet
299Kb / 16P
RF power transistor, LDmoST plastic family
15-Jul-2008
More results

Similar Description - PD84006-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LET9180 STMICROELECTRONICS-LET9180 Datasheet
314Kb / 10P
Excellent thermal stability
29-May-2013
STAC150V2-350E STMICROELECTRONICS-STAC150V2-350E Datasheet
521Kb / 12P
Excellent thermal stability
24-Jan-2013
LET9070CB STMICROELECTRONICS-LET9070CB Datasheet
725Kb / 14P
Excellent thermal stability
July 2013 Rev 2
LET16060C STMICROELECTRONICS-LET16060C Datasheet
280Kb / 9P
Excellent thermal stability
April 2014 Rev 3
STAC2932B STMICROELECTRONICS-STAC2932B Datasheet
470Kb / 14P
Excellent thermal stability
27-Jan-2014
STAC2942F STMICROELECTRONICS-STAC2942F Datasheet
533Kb / 16P
Excellent thermal stability
25-Oct-2011
STAC2943 STMICROELECTRONICS-STAC2943 Datasheet
350Kb / 12P
Excellent thermal stability
16-Jan-2012
STAC3933 STMICROELECTRONICS-STAC3933 Datasheet
290Kb / 14P
Excellent thermal stability
17-Jan-2012
STAC4932B STMICROELECTRONICS-STAC4932B Datasheet
508Kb / 13P
Excellent thermal stability
27-Jan-2014
STAC4932F STMICROELECTRONICS-STAC4932F Datasheet
330Kb / 12P
Excellent thermal stability
02-Sep-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com