Electronic Components Datasheet Search
  English  ▼

X  

VSC8164 Datasheet(PDF) 4 Page - Vitesse Semiconductor Corporation

Part # VSC8164
Description  2.488 Gbit/sec to 2.7Gbit/sec 1:16 SONET/SDH Demux
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8164 Datasheet(HTML) 4 Page - Vitesse Semiconductor Corporation

  VSC8164 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8164 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8164 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8164 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8164 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8164 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8164 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8164 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8164 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Datasheet
VSC8164
2.488 Gbit/sec to 2.7Gbit/sec
1:16 SONET/SDH Demux
Page 4
 VITESSE SEMICONDUCTOR CORPORATION
G52239-0, Rev. 3.3
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
5/17/00
Decoupling of the power supplies is a critical element in maintaining the proper operation of the part. It is
recommended that the VCC power supply be decoupled using a 0.1µF and 0.01µF capacitor placed in parallel
on each VCC power supply pin as close to the package as possible. If room permits, a 0.001µF capacitor should
also be placed in parallel with the 0.1
µF and 0.01µF capacitors mentioned above. Recommended capacitors are
low inductance ceramic SMT X7R devices. For the 0.1
µF capacitor, a 0603 package should be used. The
0.01
µF and 0.001µF capacitors can be either 0603 or 0402 packages.
For low frequency decoupling, 47
µF tantalum low inductance SMT caps should be sprinkled over the
board’s main +3.3V power supply and placed close to the C-L-C pi filter.
If the device is being used in an ECL environment with a -3.3V supply, then all references to decoupling
VCC must be changed to VEE, and all references to decoupling 3.3V must be changed to -3.3V.
AC Characteristics
Figure 5: AC Timing Waveforms
Figure 6: High Speed Input Timing
VALID DATA (1)
VALID DATA (2)
Parallel data clock output
Parallel data outputs
Parallel data clock output
CLK16O+
D(0...15)+
CLK32O+
tpdd
tpd32
D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D10D11 D12
High speed differential clock input
High speed differential serial data input
HSCLKI+
DI+
tdsu
tdh
D13D14 D15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com