Electronic Components Datasheet Search
  English  ▼

X  

SF3 Datasheet(PDF) 5 Page - Nais(Matsushita Electric Works)

Part # SF3
Description  POLARISED, MONOSTABLE SAFETY RELAY with (mechanical linked) forced contacts operation
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

SF3 Datasheet(HTML) 5 Page - Nais(Matsushita Electric Works)

  SF3 Datasheet HTML 1Page - Nais(Matsushita Electric Works) SF3 Datasheet HTML 2Page - Nais(Matsushita Electric Works) SF3 Datasheet HTML 3Page - Nais(Matsushita Electric Works) SF3 Datasheet HTML 4Page - Nais(Matsushita Electric Works) SF3 Datasheet HTML 5Page - Nais(Matsushita Electric Works) SF3 Datasheet HTML 6Page - Nais(Matsushita Electric Works) SF3 Datasheet HTML 7Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
262
SF
If the two form “a” contacts (Nos. 2 and 4) weld, the armature becomes non-operational and the gap between the two form "b"
contacts is maintained at greater than 0.5 mm .020 inch. Reliable isolation is thus ensured.
Form “a” Contact Weld
If the No. 2 contact welds.
Each of the two form "b" contacts (Nos. 1 and 3)
maintains a gap of greater than 0.5 mm .020 inch.
No.4
No.3
No.1
No.2
Energized
No.4
No.3
No.1
No.2
Non-energized (when no. 2 contact is welded)
No.4
No.3
No.1
No.2
Contact No.
No.1
No.2
No.3
No.4
Terminal No.
11–12
7–8
5–6
9–10
State of other contacts
1234
Welded
terminal
No.
1
>0.5
>0.5
2
>0.5
>0.5
3
>0.5
>0.5
4
>0.5
>0.5
Note: Contact gaps are shown at the initial state.
If the contacts change state owing to loading/breaking
it is necessary to check the actual loading.
>0.5: contact gap is kept at min. 0.5 mm .020 inch
Empty cells: either closed or open
Contact No.
Contact No.
The table below shows the state of the other contacts when the current through the welded form “a” contact is 0 V and the rated
voltage is applied through the form “b” contact.
Contact Operation Table
1) 2a2b Type
If the form “b” contacts (Nos. 1 and 3) weld, the armature becomes non-operational and the contact gap of the two form “a” contacts
is maintained at greater than 0.5 mm .020 inch. Reliable isolation is thus ensured.
Form “b” Contact Weld
If the No. 1 contact welds.
A gap of greater than 0.5 mm .020 inch is main-
tained at each of the two form "a" contacts (Nos.
2 and 4).
No.4
No.3
No.1
No.2
Non-energized
No.4
No.3
No.1
No.2
Energized (when no. 1 contact is welded)
THE OPERATION OF SF RELAYS (when contacts are welded)
SF relays work to maintain a normal operating state even when overloading or short-circuit currents occur. It is also easy to include
weld detection circuits and safety circuits in the design to ensure safety even if contacts weld.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com