Electronic Components Datasheet Search
  English  ▼

X  

STP100NF04 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STP100NF04
Description  AEC-Q101 qualified
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP100NF04 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STP100NF04 Datasheet HTML 8Page - STMicroelectronics STP100NF04 Datasheet HTML 9Page - STMicroelectronics STP100NF04 Datasheet HTML 10Page - STMicroelectronics STP100NF04 Datasheet HTML 11Page - STMicroelectronics STP100NF04 Datasheet HTML 12Page - STMicroelectronics STP100NF04 Datasheet HTML 13Page - STMicroelectronics STP100NF04 Datasheet HTML 14Page - STMicroelectronics STP100NF04 Datasheet HTML 15Page - STMicroelectronics STP100NF04 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Package information
STB100NF04T4, STP100NF04
12/20
DocID9969 Rev 7
5
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
5.1
D²PAK packing information
Figure 26: D²PAK (TO-263) type A package outline
0079457_A_rev22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20