Electronic Components Datasheet Search
  English  ▼

X  

STD3N40K3 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STD3N40K3
Description  Gate charge minimized
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD3N40K3 Datasheet(HTML) 4 Page - STMicroelectronics

  STD3N40K3 Datasheet HTML 1Page - STMicroelectronics STD3N40K3 Datasheet HTML 2Page - STMicroelectronics STD3N40K3 Datasheet HTML 3Page - STMicroelectronics STD3N40K3 Datasheet HTML 4Page - STMicroelectronics STD3N40K3 Datasheet HTML 5Page - STMicroelectronics STD3N40K3 Datasheet HTML 6Page - STMicroelectronics STD3N40K3 Datasheet HTML 7Page - STMicroelectronics STD3N40K3 Datasheet HTML 8Page - STMicroelectronics STD3N40K3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical characteristics
STD3N40K3
4/16
Doc ID 023398 Rev 1
2
Electrical characteristics
(TC = 25 °C unless otherwise specified)
Table 4.
On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
ID = 1 mA, VGS = 0
400
V
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS = 400 V
VDS = 400 V, TC=125 °C
1
50
µA
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ± 20 V, VDS=0
±10
µA
VGS(th)
Gate threshold voltage VGS = VDS, ID = 50 µA
3
3.75
4.5
V
RDS(on)
Static drain-source on-
resistance
VGS = 10 V, ID = 0.9 A
2.7
3.4
Ω
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 50 V, f = 1 MHz,
VGS = 0
-
165
17
3
-
pF
pF
pF
Coss(er)
(1)
1.
Is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS
increases from 0 to 80% VDSS
Equivalent output
capacitance energy
related
VDS=0 to 320 V, VGS=0
-9
-
pF
Coss(tr)
(2)
2.
Is defined as a constant equivalent capacitance giving the same storage energy as Coss when VDS
increases from 0 to 80% VDSS
Equivalent output
capacitance time
related
-14
-
pF
Rg
Instrinsic gate
resistance
f=1 MHz open drain
-
10
-
Ω
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 320 V, ID = 1.8 A,
VGS = 10 V
(see Figure 16)
-
11
2
7
-
nC
nC
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com