Electronic Components Datasheet Search
  English  ▼

X  

STD4NK100Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD4NK100Z
Description  Very low intrinsic capacitance
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD4NK100Z Datasheet(HTML) 1 Page - STMicroelectronics

  STD4NK100Z Datasheet HTML 1Page - STMicroelectronics STD4NK100Z Datasheet HTML 2Page - STMicroelectronics STD4NK100Z Datasheet HTML 3Page - STMicroelectronics STD4NK100Z Datasheet HTML 4Page - STMicroelectronics STD4NK100Z Datasheet HTML 5Page - STMicroelectronics STD4NK100Z Datasheet HTML 6Page - STMicroelectronics STD4NK100Z Datasheet HTML 7Page - STMicroelectronics STD4NK100Z Datasheet HTML 8Page - STMicroelectronics STD4NK100Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
This is information on a product in full production.
April 2015
DocID022821 Rev 2
1/16
STD4NK100Z
Automotive-grade N-channel 1000 V, 5.6
Ω typ., 2.2 A
SuperMESH™ Power MOSFET Zener-protected in a DPAK
Datasheet
- production data
Figure 1. Internal schematic diagram
Features
• Designed for automotive applications and
AEC-Q101 qualified
• Extremely high dv/dt capability
• 100% avalanche tested
• Gate charge minimized
• Very low intrinsic capacitance
• Zener-protected
Applications
• Switching application
Description
This device is an N-channel Zener-protected
Power MOSFET developed using
STMicroelectronics’ SuperMESH™ technology,
achieved through optimization of ST’s well
established strip-based PowerMESH™ layout. In
addition to a significant reduction in on-
resistance, this device is designed to ensure a
high level of dv/dt capability for the most
demanding applications.
Note:
HTRB test has been performed at 80% of V(BR)DSS according to AEC-Q101 rev. C. All the
other tests have been done according to the new rev. D.
Order code
VDSS
RDS(on)max
ID
STD4NK100Z
1000 V
6.8
Ω
2.2 A
Table 1. Device summary
Order code
Marking
Package
Packaging
STD4NK100Z
4NK100Z
DPAK
Tape and reel
www.st.com


Similar Part No. - STD4NK100Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD4NK100Z STMICROELECTRONICS-STD4NK100Z Datasheet
440Kb / 15P
Automotive-grade N-channel 1000 V, 5.4 Ω typ., 2.2 A SuperMESH Power MOSFET in a DPAK package
04-Apr-2023
STD4NK100Z STMICROELECTRONICS-STD4NK100Z_V01 Datasheet
440Kb / 15P
Automotive-grade N-channel 1000 V, 5.4 Ω typ., 2.2 A SuperMESH Power MOSFET in a DPAK package
04-Apr-2023
More results

Similar Description - STD4NK100Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
USBLC6-4 STMICROELECTRONICS-USBLC6-4_08 Datasheet
261Kb / 13P
Very low capacitance ESD protection
04-Feb-2008
logo
Pan Jit International I...
PJE5V0V1W6 PANJIT-PJE5V0V1W6 Datasheet
292Kb / 6P
Very Low Capacitance ESD Protection
logo
STMicroelectronics
STD10NF30 STMICROELECTRONICS-STD10NF30 Datasheet
874Kb / 16P
Very low intrinsic capacitances
27-Mar-2014
STB6N62K3 STMICROELECTRONICS-STB6N62K3 Datasheet
1Mb / 19P
Very low intrinsic capacitance
21-Dec-2011
STDLED524 STMICROELECTRONICS-STDLED524 Datasheet
1Mb / 22P
Very low intrinsic capacitance
27-Aug-2013
STDLED623 STMICROELECTRONICS-STDLED623 Datasheet
1Mb / 18P
Very low intrinsic capacitance
03-Sep-2013
STF17N62K3 STMICROELECTRONICS-STF17N62K3 Datasheet
976Kb / 17P
Very low intrinsic capacitance
27-Jul-2011
STL12N65M5 STMICROELECTRONICS-STL12N65M5 Datasheet
1Mb / 17P
Very low intrinsic capacitance
17-Jul-2013
STL18N65M5 STMICROELECTRONICS-STL18N65M5 Datasheet
1Mb / 17P
Very low intrinsic capacitance
26-Jun-2013
STQ3N45K3-AP STMICROELECTRONICS-STQ3N45K3-AP Datasheet
877Kb / 14P
Very low intrinsic capacitance
24-Jun-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com