Electronic Components Datasheet Search
  English  ▼

X  

AP3766 Datasheet(PDF) 6 Page - Diode Semiconductor Korea

Part # AP3766
Description  LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

AP3766 Datasheet(HTML) 6 Page - Diode Semiconductor Korea

  AP3766 Datasheet HTML 1Page - Diode Semiconductor Korea AP3766 Datasheet HTML 2Page - Diode Semiconductor Korea AP3766 Datasheet HTML 3Page - Diode Semiconductor Korea AP3766 Datasheet HTML 4Page - Diode Semiconductor Korea AP3766 Datasheet HTML 5Page - Diode Semiconductor Korea AP3766 Datasheet HTML 6Page - Diode Semiconductor Korea AP3766 Datasheet HTML 7Page - Diode Semiconductor Korea AP3766 Datasheet HTML 8Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AP3766
Document number: DS37658 Rev.2 - 2
6 of 8
www.diodes.com
December 2014
© Diodes Incorporated
AP3766
A Product Line of
Diodes Incorporated
Package Outline Dimensions (All dimensions in mm(inch).)
(1 ) Package Type: SOT26
2.820(0.111)
3.100(0.122)
0.950(0.037)TYP
1.800(0.071)
2.000(0.079)
0.300(0.012)
0.500(0.020)
0.700(0.028)REF
0.100(0.004)
0.200(0.008)
0°
8°
0.200(0.008)
0.300(0.012)
0.600(0.024)
0.000(0.000)
0.150(0.006)
0.900(0.035)
1.300(0.051)
1.450(0.057)
MAX
1
2
3
4
5
6
Pin 1 Mark



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com