Electronic Components Datasheet Search
  English  ▼

X  

AP3772H Datasheet(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

Part # AP3772H
Description  Low-Power Off-line Primary Side Regulation Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3772H Datasheet(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

  AP3772H Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3772H Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3772H Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3772H Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3772H Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3772H Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3772H Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3772H Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3772H Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Preliminary Datasheet
Low-Power Off-line Primary Side Regulation Controller
AP3772H
Dec. 2012
Rev. 1. 1
BCD Semiconductor Manufacturing Limited
3
Functional Block Diagram
Regulator
&
Bias
OVP
&
OCKP
PFM
TONS
UVLO
UVLO
CV_ctrl
PFM
Driver
R Q
S
R
Q
S
CC_ctrl
FB
CS
CPC
VCC
OUT
GND
Cable
Compensation
Constant Voltage
Control
Constant Current
Control
Tonsec
Detector
0.1V
VFB
4
3
1
2
5
6
PRO
VREF1
COMP
EA
Peak Current
Control & LEB
TONS
Dynamic
Response
Pro
Dyn
CC_ctrl
Audio noise
Suppression
VREF2
Shutdown
Pre_Shutdown
Line
Compensation
Figure 3. Functional Block Diagram of AP3772H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com