Electronic Components Datasheet Search
  English  ▼

X  

PC97307VUL Datasheet(PDF) 197 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307VUL
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307VUL Datasheet(HTML) 197 Page - National Semiconductor (TI)

Back Button PC97307VUL Datasheet HTML 193Page - National Semiconductor (TI) PC97307VUL Datasheet HTML 194Page - National Semiconductor (TI) PC97307VUL Datasheet HTML 195Page - National Semiconductor (TI) PC97307VUL Datasheet HTML 196Page - National Semiconductor (TI) PC97307VUL Datasheet HTML 197Page - National Semiconductor (TI) PC97307VUL Datasheet HTML 198Page - National Semiconductor (TI) PC97307VUL Datasheet HTML 199Page - National Semiconductor (TI) PC97307VUL Datasheet HTML 200Page - National Semiconductor (TI) PC97307VUL Datasheet HTML 201Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 218 page
background image
197
Device Description
www.national.com
13.3.6
Receiver Timing
TABLE 13-40. Receiver Timing
FIGURE 13-8. Receiver Timing
a. Not tested. Guaranteed by design.
b. This is internal timing and is therefore not tested.
Symbol
Parameter
Conditions
Min
Max
Unit
tIRRXW
IRRX Pulse Width a
1.6
µsec 6/
16
Baud Output Cycles
tRAI1
Delay from Active Edge of RD to Reset IRQ
78
nsec
tRAI2
Delay from Active Edge of RD to Reset IRQ
78
nsec
tRAI3
Delay from Active Edge of RD to Reset IRQ
78
nsec
tRINT
Delay from Inactive Edge of RD (RD LSR) to Reset IRQ
55
nsec
tSCD
Delay from RCLK to Sample Time
b
41
nsec
tSINT
Delay from Stop bit to Set Interrupt a
2
Baud Output Cycles
RCLK
Sample
CLK
SIN
Sample Clock
RDR
LSI
RD
(RDRBR)
RD
(RD LSR)
Interrupt
Interrupt
tSINT
tRINT
tRAI1
tSCD
8 CLKS
DATA (5-8)
STOP
ACTIVE
ACTIVE
IRRX
tIRRXW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com