Electronic Components Datasheet Search
  English  ▼

X  

PC97307VUL Datasheet(PDF) 200 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307VUL
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307VUL Datasheet(HTML) 200 Page - National Semiconductor (TI)

Back Button PC97307VUL Datasheet HTML 196Page - National Semiconductor (TI) PC97307VUL Datasheet HTML 197Page - National Semiconductor (TI) PC97307VUL Datasheet HTML 198Page - National Semiconductor (TI) PC97307VUL Datasheet HTML 199Page - National Semiconductor (TI) PC97307VUL Datasheet HTML 200Page - National Semiconductor (TI) PC97307VUL Datasheet HTML 201Page - National Semiconductor (TI) PC97307VUL Datasheet HTML 202Page - National Semiconductor (TI) PC97307VUL Datasheet HTML 203Page - National Semiconductor (TI) PC97307VUL Datasheet HTML 204Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 218 page
background image
200
Device Description
www.national.com
13.3.8
SIR Timing
TABLE 13-42. SIR Timing
FIGURE 13-12. SIR Timing
13.3.9
IRSLn Write Timing
TABLE 13-43. IRSLn Write Timing
FIGURE 13-13. IRSLn Write Timing
a. tBTN is the nominal bit time in UART, Sharp-IR, SIR and Consumer Remote Control modes.
Symbol
Parameter
Conditions
Min
Max
Unit
tSPW
SIR Signal Pulse Width
Transmitter, Variable
(3/16) x tBTN − 15
a
(3/16) x tBTN + 15
nsec
Transmitter, Fixed
1.60
1.65
µsec
Receiver
1
µsec
SDRT
SIR Transmitter Data Rate Tolerance
± 0.87%
tSJT
SIR Receiver Edge Jitter, % of Nominal Bit Duration
± 6.5%
Symbol
Parameter
Conditions
Min
Max
Unit
tWOD
IRSLn Output Delay from Write Inactive
60
nsec
SIR
tSPW
WR
tWOD
IRSLn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com