Electronic Components Datasheet Search
  English  ▼

X  

STFH13N60M2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STFH13N60M2
Description  Extremely low gate charge
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFH13N60M2 Datasheet(HTML) 5 Page - STMicroelectronics

  STFH13N60M2 Datasheet HTML 1Page - STMicroelectronics STFH13N60M2 Datasheet HTML 2Page - STMicroelectronics STFH13N60M2 Datasheet HTML 3Page - STMicroelectronics STFH13N60M2 Datasheet HTML 4Page - STMicroelectronics STFH13N60M2 Datasheet HTML 5Page - STMicroelectronics STFH13N60M2 Datasheet HTML 6Page - STMicroelectronics STFH13N60M2 Datasheet HTML 7Page - STMicroelectronics STFH13N60M2 Datasheet HTML 8Page - STMicroelectronics STFH13N60M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
STFH13N60M2
Electrical characteristics
DocID029304 Rev 2
5/12
Table 8: Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
11
A
ISDM(1)
Source-drain current
(pulsed)
-
44
A
VSD(2)
Forward on voltage
ISD = 11 A, VGS = 0 V
-
1.6
V
trr
Reverse recovery time
ISD = 11 A, di/dt = 100 A/µs,
VDD = 60 V ( see Figure 16: "Test
circuit for inductive load switching
and diode recovery times" )
-
297
ns
Qrr
Reverse recovery
charge
-
2.8
µC
IRRM
Reverse recovery
current
-
18.5
A
trr
Reverse recovery time
ISD = 11 A, di/dt = 100 A/µs,
VDD = 60 V, Tj = 150 °C, (see
Figure 16: "Test circuit for
inductive load switching and diode
recovery times" )
-
394
ns
Qrr
Reverse recovery
charge
-
3.8
µC
IRRM
Reverse recovery
current
-
19
A
Notes:
(1)Pulse width limited by safe operating area.
(2)Pulsed: pulse duration = 300 µs, duty cycle 1.5%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com