Electronic Components Datasheet Search
  English  ▼

X  

STFH18N60M2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STFH18N60M2
Description  Extremely low gate charge
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFH18N60M2 Datasheet(HTML) 5 Page - STMicroelectronics

  STFH18N60M2 Datasheet HTML 1Page - STMicroelectronics STFH18N60M2 Datasheet HTML 2Page - STMicroelectronics STFH18N60M2 Datasheet HTML 3Page - STMicroelectronics STFH18N60M2 Datasheet HTML 4Page - STMicroelectronics STFH18N60M2 Datasheet HTML 5Page - STMicroelectronics STFH18N60M2 Datasheet HTML 6Page - STMicroelectronics STFH18N60M2 Datasheet HTML 7Page - STMicroelectronics STFH18N60M2 Datasheet HTML 8Page - STMicroelectronics STFH18N60M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
STFH18N60M2
Electrical characteristics
DocID029424 Rev 2
5/12
Table 7: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on
delay time
VDD = 300 V, ID = 6.5 A,
RG
= 4.7 Ω, VGS = 10 V
(see Figure 14: "Test circuit for resistive
load switching times" and Figure 19:
"Switching time waveform")
-
12
-
ns
tr
Rise time
-
9
-
ns
td(off)
Turn-off
delay time
-
47
-
ns
tf
Fall time
-
10.6
-
ns
Table 8: Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD(1)
Source-drain
current
-
13
A
ISDM(1)(2)
Source-drain
current (pulsed)
-
52
A
VSD(3)
Forward on
voltage
ISD = 13 A, VGS = 0 V
-
1.6
V
trr
Reverse recovery
time
ISD = 13 A, di/dt = 100 A/µs
VDD = 60 V
(see Figure 16: "Test circuit for
inductive load switching and diode
recovery times")
-
305
ns
Qrr
Reverse recovery
charge
-
3.3
µC
IRRM
Reverse recovery
current
-
22
A
trr
Reverse recovery
time
ISD = 13 A, di/dt = 100 A/µs
VDD = 60 V, Tj = 150 °C
(see Figure 16: "Test circuit for
inductive load switching and diode
recovery times")
-
417
ns
Qrr
Reverse recovery
charge
-
4.6
µC
IRRM
Reverse recovery
current
-
22
A
Notes:
(1)The value is rated according to Rthj-case and limited by package.
(2)Pulse width limited by safe operating area.
(3)Pulsed: pulse duration = 300 µs, duty cycle 1.5%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com