Electronic Components Datasheet Search
  English  ▼

X  

AP7175 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP7175
Description  3A ULTRA LOW DROPOUT LINEAR REGULATOR WITH ENABLE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7175 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP7175_17 Datasheet HTML 1Page - Diodes Incorporated AP7175_17 Datasheet HTML 2Page - Diodes Incorporated AP7175_17 Datasheet HTML 3Page - Diodes Incorporated AP7175_17 Datasheet HTML 4Page - Diodes Incorporated AP7175_17 Datasheet HTML 5Page - Diodes Incorporated AP7175_17 Datasheet HTML 6Page - Diodes Incorporated AP7175_17 Datasheet HTML 7Page - Diodes Incorporated AP7175_17 Datasheet HTML 8Page - Diodes Incorporated AP7175_17 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AP7175
Document number: DS35606 Rev. 4 - 3
2 of 14
www.diodes.com
January 2017
© Diodes Incorporated
AP7175
NOT RECOMMENDED FOR NEW DESIGN -
NO ALTERNATE PART
Pin Descriptions
Pin
Name
Pin Number
Function
SO-8EP
MSOP-8EP
GND
1
1
Ground
FB
2
2
Feedback to set the output voltage via an external resistor divider between VOUT and GND.
VOUT
3/4
3/4
Power Output Pin. Connect at least 10µF capacitor to this pin to improve transient response and
required for stability. When the part is disabled the output is discharged via an internal pull-low
MOSFET.
VIN
5
5
Power Input Pin for current supply. Connect a decoupling capacitor
(≥10µF) as close as possible to
the pin for noise filtering.
VCNTL
6
6
BIAS supply for the controller, recommended 5V. Connect a decoupling capacitor (≥1µF) as close
as possible to the pin for noise filtering.
PG
7
7
Power Good output open drain to indicate the status of VOUT via monitoring the FB pin. This pin is
pulled low when the voltage is outside the limits, during thermal shutdown and if either VCNTL or VIN
go below their thresholds.
EN
8
8
Enable pin. Driving this pin low will disable the part. When left floating an internal current source will
pull this pin high and enable it.
PAD
EP
EP
Exposed pad connect this to VIN for good thermal conductivity.
Functional Block Diagram
Power On Reset
(POR)
5µA
0.8V
Ref
Control Logic
SoftStart
VCNTL
EN
Thermal
Shutdown
Current Limit
and
Short Circuit
0.8V
Ref
Delay
POR
90%VRef
VIN
PG
FB
VOUT
GND
Error
Amp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com