Electronic Components Datasheet Search
  English  ▼

X  

AP65101 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP65101
Description  TSOT26 LIGHT LOAD IMPROVED 1.5A SYNCH DC/DC BUCK CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP65101 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP65101 Datasheet HTML 3Page - Diodes Incorporated AP65101 Datasheet HTML 4Page - Diodes Incorporated AP65101 Datasheet HTML 5Page - Diodes Incorporated AP65101 Datasheet HTML 6Page - Diodes Incorporated AP65101 Datasheet HTML 7Page - Diodes Incorporated AP65101 Datasheet HTML 8Page - Diodes Incorporated AP65101 Datasheet HTML 9Page - Diodes Incorporated AP65101 Datasheet HTML 10Page - Diodes Incorporated AP65101 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AP65101
Document number: DS38098 Rev. 2 - 3
7 of 14
www.diodes.com
December 2016
© Diodes Incorporated
AP65101
NOT RECOMMENDED FOR NEW DESIGN
Typical Performance Characteristics (Cont.)
(@TA = +25°C, VIN = 12V, VOUT = 3.3V, L = 6.5µH, C1 = 22µF, C2 = 22µF, unless otherwise specified.)
Startup Through VEN 1.5A Load
Time-1ms/div
Startup Through VIN 1.5A Load
Time-1ms/div
Short Circuit Test
Time-5ms/div
Shutdown Through VEN 1.5A Load
Time-50µs/div
Shutdown Through VIN 1.5A Load
Time-1ms/div
Short Circuit Recovery
Time-5ms/div
Startup Through VEN 0A Load
Time-1ms/div
Startup Through VIN 0A Load
Time-1ms/div
Transient Response (0.75 to 1.5A)
Time-100µs/div
Shutdown Through VEN 0A Load
Time-500ms/div
Shutdown Through VIN 0A Load
Time-500ms/div
Input/Output Ripple (IO=1.5A)
Time-2µs/div
VIN (12V/DIV)
VOUT (3.3V/DIV)
IOUT (1.5A/DIV)
SW (10V/DIV)
VEN (5V/DIV)
IOUT (1.5A/DIV)
SW (10V/DIV)
VOUT (3.3V/DIV)
VEN (5V/DIV)
VOUT (3.3V/DIV)
IOUT (1.5A/DIV)
SW (10V/DIV)
VIN (12V/DIV)
VOUT (3.3V/DIV)
IOUT (1.5A/DIV)
SW (10V/DIV)
VOUT (2V/DIV)
IOUT (2A/DIV)
VOUT (2V/DIV)
IOUT (2A/DIV)
IOUT (1A/DIV)
VOUT_AC (200mV/DIV)
VOUT_AC (100mV/DIV)
SW (10V/DIV)
VEN (5V/DIV)
IOUT (100mA/DIV)
SW (10V/DIV)
VOUT (3.3V/DIV)
VEN (5V/DIV)
VOUT (3.3V/DIV)
IOUT (100mA/DIV)
SW (10V/DIV)
VIN (12V/DIV)
VOUT (3.3V/DIV)
IOUT (100mA/DIV)
SW (10V/DIV)
VIN (12V/DIV)
VOUT (3.3V/DIV)
IOUT (100mA/DIV)
SW (10V/DIV)
IL (1.5A/DIV)
VIN_AC (200mV/DIV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com