Electronic Components Datasheet Search
  English  ▼

X  

AP65201 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP65201
Description  TSOT26 LIGHT LOAD IMPROVED 2A SYNCH DC/DC BUCK CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP65201 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP65201 Datasheet HTML 1Page - Diodes Incorporated AP65201 Datasheet HTML 2Page - Diodes Incorporated AP65201 Datasheet HTML 3Page - Diodes Incorporated AP65201 Datasheet HTML 4Page - Diodes Incorporated AP65201 Datasheet HTML 5Page - Diodes Incorporated AP65201 Datasheet HTML 6Page - Diodes Incorporated AP65201 Datasheet HTML 7Page - Diodes Incorporated AP65201 Datasheet HTML 8Page - Diodes Incorporated AP65201 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AP65201
Document number: DS36109 Rev. 3 - 3
1 of 14
www.diodes.com
December 2016
© Diodes Incorporated
AP65201
NOT RECOMMENDED FOR NEW DESIGN
TSOT26 LIGHT LOAD IMPROVED 2A SYNCH DC/DC BUCK CONVERTER
Description
The AP65201 is a 500kHz switching frequency internal compensated
synchronous DC/DC buck converter. It has integrated low RDS(ON)
high and low side MOSFETs.
The AP65201 enables continuous load current of up to 2A with
efficiency as high as 97%.
The AP65201 implements an automatic custom light load efficiency
improvement algorithm.
The AP65201 features current mode control operation, which enables
fast transient response times and easy loop stabilization.
The
AP65201
simplifies
board
layout
and
reduces
space
requirements with its high level of integration and minimal need for
external
components,
making
it
ideal
for
distributed
power
architectures.
The AP65201 is available in a standard Green TSOT26 package and
is RoHS compliant.
Features
VIN 4.5V to 16V
2A Continuous Output Current, 3A Peak
Efficiency Up to 97%
Automated Light Load Improvement
VOUT Adjustable From 0.8V
500kHz Switching Frequency
Internal Soft-Start
Enable Pin
Overcurrent Protection (OCP) with Hiccup
Thermal Protection
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony
Free. “Green” Device (Note 3)
Pin Assignments
TSOT26
Top View
3
2
1
6
4
5
GND
SW
IN
BST
EN
FB
Applications
Gaming Consoles
Flat Screen TV Sets and Monitors
Set-Top Boxes
Distributed Power Systems
Home Audio
Consumer Electronics
Network Systems
FPGA, DSP and ASIC Supplies
Green Electronics
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated‟s definitions of Halogen- and
Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Typical Applications Circuit
AP65201
L1
4.7
μH
R1
40.2k
Ω
R2
13k
Ω
C5
1µ
F
C2
22
μF
C1
22
μF
ON
OFF
3
IN
5
EN
2
SW
6
BST
4
FB
1
GND
INPUT
OUTPUT
VOUT
3.3V
VIN
12V
R3
75k
Ω
Figure 1. Typical Application Circuit


Similar Part No. - AP65201

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP65211 DIODES-AP65211 Datasheet
830Kb / 14P
TSOT26 LIGHT LOAD IMPROVED 2A SYNCH DC-DC BUCK CONVERTER
January 2018
AP65211A DIODES-AP65211A Datasheet
921Kb / 13P
LIGHT LOAD IMPROVED 2A SYNCH DC-DC BUCK CONVERTER
Rev 1
AP65211AWU-7 DIODES-AP65211AWU-7 Datasheet
921Kb / 13P
LIGHT LOAD IMPROVED 2A SYNCH DC-DC BUCK CONVERTER
Rev 1
AP65211A DIODES-AP65211A_17 Datasheet
921Kb / 13P
LIGHT LOAD IMPROVED 2A SYNCH DC-DC BUCK CONVERTER
Rev 1
AP65211WU-7 DIODES-AP65211WU-7 Datasheet
830Kb / 14P
TSOT26 LIGHT LOAD IMPROVED 2A SYNCH DC-DC BUCK CONVERTER
January 2018
More results

Similar Description - AP65201

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP65101 DIODES-AP65101 Datasheet
1Mb / 14P
TSOT26 LIGHT LOAD IMPROVED 1.5A SYNCH DC/DC BUCK CONVERTER
Rev 2
AP65111A DIODES-AP65111A Datasheet
911Kb / 13P
LIGHT LOAD IMPROVED 1.5A SYNCH DC/DC BUCK CONVERTER
Rev 1
AP65211A DIODES-AP65211A_17 Datasheet
921Kb / 13P
LIGHT LOAD IMPROVED 2A SYNCH DC-DC BUCK CONVERTER
Rev 1
AP65400 DIODES-AP65400 Datasheet
716Kb / 15P
LIGHT LOAD IMPROVED 4A SYNCH DC/DC BUCK CONVERTER
Rev 1
AP65402 DIODES-AP65402 Datasheet
641Kb / 15P
LIGHT LOAD IMPROVED 4A 500KHZ SYNCH DC/DC BUCK CONVERTER
Rev 1
AP65403 DIODES-AP65403 Datasheet
607Kb / 15P
LIGHT LOAD IMPROVED 4A, 750kHz SYNCH DC/DC BUCK CONVERTER
Rev 1
AP65500 DIODES-AP65500 Datasheet
776Kb / 15P
LIGHT LOAD IMPROVED 5A SYNCH DC/DC BUCK CONVERTER
Rev 1
AP65502 DIODES-AP65502 Datasheet
668Kb / 15P
LIGHT LOAD IMPROVED 4A 500KHZ SYNCH DC/DC BUCK CONVERTER
Rev 1
AP65111 DIODES-AP65111 Datasheet
827Kb / 14P
TSOT26 LIGHT LOAD IMPROVED 1.5A SYNCH DC/DC BUCK CONVERTER
January 2018
AP65211 DIODES-AP65211 Datasheet
830Kb / 14P
TSOT26 LIGHT LOAD IMPROVED 2A SYNCH DC-DC BUCK CONVERTER
January 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com