Electronic Components Datasheet Search
  English  ▼

X  

STFW45N65M5 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STFW45N65M5
Description  N-channel 650 V, 35 A, 0.067 Ω typ., MDmesh™ V Power MOSFETs in TO-3PF, TO-247 and TO-247 long leads packages
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFW45N65M5 Datasheet(HTML) 5 Page - STMicroelectronics

  STFW45N65M5 Datasheet HTML 1Page - STMicroelectronics STFW45N65M5 Datasheet HTML 2Page - STMicroelectronics STFW45N65M5 Datasheet HTML 3Page - STMicroelectronics STFW45N65M5 Datasheet HTML 4Page - STMicroelectronics STFW45N65M5 Datasheet HTML 5Page - STMicroelectronics STFW45N65M5 Datasheet HTML 6Page - STMicroelectronics STFW45N65M5 Datasheet HTML 7Page - STMicroelectronics STFW45N65M5 Datasheet HTML 8Page - STMicroelectronics STFW45N65M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
DocID024049 Rev 2
5/18
STFW45N65M5, STW45N65M5, STWA45N65M5
Electrical characteristics
18
Table 7. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
t
d
(v)
Voltage delay time
V
DD
= 400 V, I
D
= 23 A,
R
G
= 4.7
Ω, V
GS
= 10 V
(see
Figure 19 and
Figure 22)
-79.5
-
ns
t
r
(v)
Voltage rise time
-
11
-
ns
t
f
(i)
Current fall time
-
9.3
-
ns
t
c
(off)
Crossing time
-
16
-
ns
Table 8. Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
I
SD
Source-drain current
-
35
A
I
SDM
(1)
1.
Pulse width limited by safe operating area.
Source-drain current (pulsed)
-
140
A
V
SD
(2)
2.
Pulsed: pulse duration = 300 μs, duty cycle 1.5%
Forward on voltage
I
SD
= 35 A, V
GS
= 0
-
1.5
V
t
rr
Reverse recovery time
I
SD
= 35 A, di/dt = 100 A/μs
V
DD
= 100 V (see
Figure 19)
-
392
ns
Q
rr
Reverse recovery charge
-
7.4
μC
I
RRM
Reverse recovery current
-
38
A
t
rr
Reverse recovery time
I
SD
= 35 A, di/dt = 100 A/μs
V
DD
= 100 V, T
j
= 150 °C
(see
Figure 19)
-
468
ns
Q
rr
Reverse recovery charge
-
9.7
μC
I
RRM
Reverse recovery current
-
42
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com